Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 83 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 83 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 79Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 80Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 81Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 82Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 83Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 84Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 85Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 86Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 87Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 81
PIC16F616/16HV616
10.3.1
PWM PERIOD
The PWM period is specified by writing to the PR2
register of Timer2. The PWM period can be calculated
using the formula of Equation 10-1.
EQUATION 10-1:
PWM PERIOD
When TMR2 is equal to PR2, the following three events
occur on the next increment cycle:
• TMR2 is cleared
• The CCP1 pin is set. (Exception: If the PWM duty
cycle = 0%, the pin will not be set.)
• The PWM duty cycle is latched from CCPR1L into
CCPR1H.
10.3.2
PWM DUTY CYCLE
The PWM duty cycle is specified by writing a 10-bit
value to multiple registers: CCPR1L register and
CCP1<1:0> bits of the CCP1CON register. The
CCPR1L contains the eight MSbs and the CCP1<1:0>
bits of the CCP1CON register contain the two LSbs.
CCPR1L and CCP1<1:0> bits of the CCP1CON
register can be written to at any time. The duty cycle
value is not latched into CCPR1H until after the period
completes (i.e., a match between PR2 and TMR2
registers occurs). While using the PWM, the CCPR1H
register is read-only.
Equation 10-2 is used to calculate the PWM pulse
width.
Equation 10-3 is used to calculate the PWM duty cycle
ratio.
EQUATION 10-2:
PULSE WIDTH
EQUATION 10-3:
DUTY CYCLE RATIO
The CCPR1H register and a 2-bit internal latch are
used to double buffer the PWM duty cycle. This double
buffering is essential for glitchless PWM operation.
The 8-bit timer TMR2 register is concatenated with
either the 2-bit internal system clock (FOSC), or 2 bits of
the prescaler, to create the 10-bit time base. The system
clock is used if the Timer2 prescaler is set to 1:1.
When the 10-bit time base matches the CCPR1H and
2-bit latch, then the CCP1 pin is cleared (see
Figure 10-3).
10.3.3
PWM RESOLUTION
The resolution determines the number of available duty
cycles for a given period. For example, a 10-bit resolution
will result in 1024 discrete duty cycles, whereas an 8-bit
resolution will result in 256 discrete duty cycles.
The maximum PWM resolution is 10 bits when PR2 is
255. The resolution is a function of the PR2 register
value as shown by Equation 10-4.
EQUATION 10-4:
PWM RESOLUTION
TABLE 10-2:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS (FOSC = 20 MHz)
TABLE 10-3:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS (FOSC = 8 MHz)
Note:
The Timer2 postscaler (see Section 7.1
“Timer2 Operation”) is not used in the
determination of the PWM frequency.
PWM Period
PR2
() 1
+
[] 4TOSC •
•
•
=
(TMR2 Prescale Value)
Note:
If the pulse width value is greater than the
period the assigned PWM pin(s) will
remain unchanged.
Pulse Width
CCPR1L:CCP1CON<5:4>
()
•
=
TOSC
• (TMR2 Prescale Value)
Duty Cycle Ratio
CCPR1L:CCP1CON<5:4>
()
4PR2
1
+
()
-----------------------------------------------------------------------
=
Resolution
4PR2
1
+
()
[]
log
2
()
log
------------------------------------------ bits
=
PWM Frequency
1.22 kHz
4.88 kHz
19.53 kHz
78.12 kHz
156.3 kHz
208.3 kHz
Timer Prescale (1, 4, 16)
16
4
1
1
1
1
PR2 Value
0xFF
0xFF
0xFF
0x3F
0x1F
0x17
Maximum Resolution (bits)
10
10
10
8
7
6.6
PWM Frequency
1.22 kHz
4.90 kHz
19.61 kHz
76.92 kHz
153.85 kHz
200.0 kHz
Timer Prescale (1, 4, 16)
16
4
1
1
1
1
PR2 Value
0x65
0x65
0x65
0x19
0x0C
0x09
Maximum Resolution (bits)
8
8
8
6
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com