Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 53 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 53 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 49Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 50Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 51Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 52Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 53Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 54Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 55Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 56Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 51
PIC16F616/16HV616
8.2
Comparator Control
Each
comparator
has
a
separate
control
and
Configuration register: CM1CON0 for Comparator C1
and CM2CON0 for Comparator C2. In addition,
Comparator
C2
has
a
second
control
register,
CM2CON1, for controlling the interaction with Timer1 and
simultaneous reading of both comparator outputs.
The CM1CON0 and CM2CON0 registers (see Registers
8-1 and 8-2, respectively) contain the control and Status
bits for the following:
• Enable
• Input selection
• Reference selection
•Output selection
• Output polarity
8.2.1
COMPARATOR ENABLE
Setting the CxON bit of the CMxCON0 register enables
the comparator for operation. Clearing the CxON bit
disables
the
comparator
for
minimum
current
consumption.
8.2.2
COMPARATOR INPUT SELECTION
The CxCH<1:0> bits of the CMxCON0 register direct
one of four analog input pins to the comparator
inverting input.
8.2.3
COMPARATOR REFERENCE
SELECTION
Setting the CxR bit of the CMxCON0 register directs an
internal voltage reference or an analog input pin to the
non-inverting input of the comparator. See Section 8.10
“Comparator Voltage Reference” for more information
on the internal voltage reference module.
8.2.4
COMPARATOR OUTPUT SELECTION
The output of the comparator can be monitored by
reading either the CxOUT bit of the CMxCON0 register
or the MCxOUT bit of the CM2CON1 register. In order
to make the output available for an external connection,
the following conditions must be true:
• CxOE bit of the CMxCON0 register must be set
• Corresponding TRIS bit must be cleared
• CxON bit of the CMxCON0 register must be set.
8.2.5
COMPARATOR OUTPUT POLARITY
Inverting the output of the comparator is functionally
equivalent to swapping the comparator inputs. The
polarity of the comparator output can be inverted by
setting the CxPOL bit of the CMxCON0 register.
Clearing the CxPOL bit results in a non-inverted output.
Table 8-1
shows
the
output
state
versus
input
conditions, including polarity control.
8.3
Comparator Response Time
The comparator output is indeterminate for a period of
time after the change of an input source or the selection
of a new reference voltage. This period is referred to as
the response time. The response time of the
comparator differs from the settling time of the voltage
reference. Therefore, both of these times must be
considered when determining the total response time
to a comparator input change. See the Comparator and
Voltage Reference Specifications in Section 15.0
“Electrical Specifications” for more details.
Note:
To use CxIN+ and CxIN- pins as analog
inputs, the appropriate bits must be set in
the ANSEL register and the corresponding
TRIS bits must also be set to disable the
output drivers.
Note 1: The CxOE bit overrides the Port data
latch. Setting the CxON has no impact on
the Port override.
2: The internal output of the comparator is
latched
with
each
instruction
cycle.
Unless
otherwise
specified,
external
outputs are not latched.
TABLE 8-1:
COMPARATOR OUTPUT
STATE VS. INPUT
CONDITIONS
Input Condition
CxPOL
CxOUT
CxVIN- > CxVIN+
00
CxVIN- < CxVIN+
01
CxVIN- > CxVIN+
11
CxVIN- < CxVIN+
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com