Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 59 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 59 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 55Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 56Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 57Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 58Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 59Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 60Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 61Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 62Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 57
PIC16F616/16HV616
8.8
Additional Comparator Features
There are three additional comparator features:
• Timer1 count enable (gate)
• Synchronizing output with Timer1
• Simultaneous read of comparator outputs
8.8.1
COMPARATOR C2 GATING TIMER1
This feature can be used to time the duration or interval
of analog events. Clearing the T1GSS bit of the
CM2CON1 register will enable Timer1 to increment
based on the output of Comparator C2. This requires
that Timer1 is on and gating is enabled. See
Section 6.0 “Timer1 Module with Gate Control” for
details.
It is recommended to synchronize the comparator with
Timer1 by setting the C2SYNC bit when the comparator
is used as the Timer1 gate source. This ensures Timer1
does not miss an increment if the comparator changes
during an increment.
8.8.2
SYNCHRONIZING COMPARATOR
C2 OUTPUT TO TIMER1
The Comparator C2 output can be synchronized with
Timer1 by setting the C2SYNC bit of the CM2CON1
register. When enabled, the C2 output is latched on the
falling edge of the Timer1 clock source. If a prescaler is
used with Timer1, the comparator output is latched after
the prescaling function. To prevent a race condition, the
comparator output is latched on the falling edge of the
Timer1 clock source and Timer1 increments on the
rising edge of its clock source. See the Comparator
Block Diagram (Figure 8-3) and the Timer1 Block
Diagram (Figure 6-1) for more information.
8.8.3
SIMULTANEOUS COMPARATOR
OUTPUT READ
The MC1OUT and MC2OUT bits of the CM2CON1
register are mirror copies of both comparator outputs.
The ability to read both outputs simultaneously from a
single register eliminates the timing skew of reading
separate registers.
Note 1: Obtaining the status of C1OUT or C2OUT
by reading CM2CON1 does not affect the
comparator interrupt mismatch registers.
REGISTER 8-3:
CM2CON1: COMPARATOR 2 CONTROL REGISTER 1
R-0
R-0
U-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
MC1OUT
MC2OUT
—
T1ACS
C1HYS
C2HYS
T1GSS
C2SYNC
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
MC1OUT: Mirror Copy of C1OUT bit
bit 6
MC2OUT: Mirror Copy of C2OUT bit
bit 5
Unimplemented: Read as ‘0’
bit 4
T1ACS: Timer1 Alternate Clock Select bit
1
= Timer1 clock source is the system clock (FOSC)
0
= Timer1 clock source is the internal clock FOSC/4)
bit 3
C1HYS: Comparator C1 Hysteresis Enable bit
1
= Comparator C1 Hysteresis enabled
0
= Comparator C1 Hysteresis disabled
bit 2
C2HYS: Comparator C2 Hysteresis Enable bit
1
= Comparator C2 Hysteresis enabled
0
= Comparator C2 Hysteresis disabled
bit 1
T1GSS: Timer1 Gate Source Select bit
1
= Timer1 gate source is T1G
0
= Timer1 gate source is SYNCC2OUT.
bit 0
C2SYNC: Comparator C2 Output Synchronization bit
1
= C2 Output is synchronous to falling edge of Timer1 clock
0
= C2 Output is asynchronous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com