Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 15 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 15 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 11Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 12Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 13Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 14Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 15Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 16Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 17Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 18Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 13
PIC16F616/16HV616
2.2.2.3
INTCON Register
The INTCON register is a readable and writable
register, which contains the various enable and flag bits
for TMR0 register overflow, PORTA change and
external RA2/INT pin interrupts.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the global
enable bit, GIE of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear
prior to enabling an interrupt.
REGISTER 2-3:
INTCON: INTERRUPT CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
GIE: Global Interrupt Enable bit
1
= Enables all unmasked interrupts
0
= Disables all interrupts
bit 6
PEIE: Peripheral Interrupt Enable bit
1
= Enables all unmasked peripheral interrupts
0
= Disables all peripheral interrupts
bit 5
T0IE: Timer0 Overflow Interrupt Enable bit
1
= Enables the Timer0 interrupt
0
= Disables the Timer0 interrupt
bit 4
INTE: RA2/INT External Interrupt Enable bit
1
= Enables the RA2/INT external interrupt
0
= Disables the RA2/INT external interrupt
bit 3
RAIE: PORTA Change Interrupt Enable bit(1)
1
= Enables the PORTA change interrupt
0
= Disables the PORTA change interrupt
bit 2
T0IF: Timer0 Overflow Interrupt Flag bit(2)
1
= Timer0 register has overflowed (must be cleared in software)
0
= Timer0 register did not overflow
bit 1
INTF: RA2/INT External Interrupt Flag bit
1
= The RA2/INT external interrupt occurred (must be cleared in software)
0
= The RA2/INT external interrupt did not occur
bit 0
RAIF: PORTA Change Interrupt Flag bit
1
= When at least one of the PORTA <5:0> pins changed state (must be cleared in software)
0
= None of the PORTA <5:0> pins have changed state
Note 1:
IOCA register must also be enabled.
2:
T0IF bit is set when TMR0 rolls over. TMR0 is unchanged on Reset and should be initialized before
clearing T0IF bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com