Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 12 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 12 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 8Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 9Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 10Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 11Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 12Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 13Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 14Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 15Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 10
Preliminary
© 2006 Microchip Technology Inc.
TABLE 2-2:
PIC16F616/16HV616 SPECIAL FUNCTION REGISTERS SUMMARY BANK 1
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Page
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
17, 104
81h
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
12, 104
82h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
17, 104
83h
STATUS
IRP(1)
RP1(1)
RP0
TO
PD
ZDC
C
0001 1xxx
11, 104
84h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
17, 104
85h
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
--11 1111
25, 104
86h
—
Unimplemented
—
—
87h
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111
33, 104
88h
—
Unimplemented
—
—
89h
—
Unimplemented
—
—
8Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of Program Counter
---0 0000
17, 104
8Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000
13, 104
8Ch
PIE1
—
ADIE
CCP1IE
C2IE
C1IE
—TMR2IE
TMR1IE
-000 0-00
14, 104
8Dh
—
Unimplemented
—
—
8Eh
PCON
—
—
—
—
—
—POR
BOR
---- --qq
16, 104
8Fh
—
Unimplemented
—
—
90h
OSCTUNE
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
---0 0000
23, 104
91h
ANSEL
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
26, 104
92h
PR2
Timer2 Module Period Register
1111 1111
47, 105
93h
—
Unimplemented
—
—
94h
—
Unimplemented
—
—
95h
WPUA(2)
—
—
WPUA5
WPUA4
—
WPUA2
WPUA1
WPUA0
--11 -111
27, 105
96h
IOCA
—
—
IOCA5
IOCA4
IOCA3
IOCA2
IOCA1
IOCA0
--00 0000
27, 105
97h
—
Unimplemented
—
—
98h
—
Unimplemented
—
—
99h
SRCON0
SR1
SR0
C1SEN
C2REN
PULSS
PULSR
—
SRCLKEN
0000 00-0
59, 105
9Ah
SRCON1
SRCS1
SRCS2
—
—
—
—
—
—
00-- ----
59, 105
9Bh
—
Unimplemented
—
—
9Ch
—
Unimplemented
—
—
9Dh
—
Unimplemented
—
—
9Eh
ADRESL
Least Significant 2 bits of the left shifted result or 8 bits of the right shifted result
xxxx xxxx
72, 105
9Fh
ADCON1
—
ADCS2
ADCS1
ADCS0
—
—
—
—
-000 ----
71, 105
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
IRP and RP1 bits are reserved, always maintain these bits clear.
2:
RA3 pull-up is enabled when MCLRE is ‘1’ in the Configuration Word register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com