Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 68 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 68 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 64Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 65Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 66Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 67Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 68Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 69Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 70Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 71Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 66
Preliminary
© 2006 Microchip Technology Inc.
9.1
ADC Configuration
When configuring and using the ADC, the following
functions must be considered:
• Port configuration
• Channel selection
• ADC voltage reference selection
• ADC conversion clock source
• Interrupt control
• Results formatting
9.1.1
PORT CONFIGURATION
The ADC can be used to convert both analog and digital
signals. When converting analog signals, the I/O pin
should be configured for analog by setting the associated
TRIS and ANSEL bits. See the corresponding Port
section for more information.
9.1.2
CHANNEL SELECTION
The CHS bits of the ADCON0 register determine which
channel is connected to the sample and hold circuit.
When changing channels, a delay is required before
starting the next conversion. Refer to Section 9.2
“ADC Operation” for more information.
9.1.3
ADC VOLTAGE REFERENCE
The VCFG bit of the ADCON0 register provides control
of the positive voltage reference. The positive voltage
reference can be either VDD or an external voltage
source. The negative voltage reference is always
connected to the ground reference.
9.1.4
CONVERSION CLOCK
The source of the conversion clock is software select-
able via the ADCS bits of the ADCON1 register. There
are seven possible clock options:
•FOSC/2
•FOSC/4
•FOSC/8
•FOSC/16
•FOSC/32
•FOSC/64
•FRC (dedicated internal oscillator)
The time to complete one bit conversion is defined as
TAD. One full 10-bit conversion requires 11 TAD periods
as shown in Figure 9-3.
For correct conversion, the appropriate TAD specification
must be met. See A/D conversion requirements in
Section 15.0 “Electrical Specifications” for more
information. Table 9-1 gives examples of appropriate
ADC clock selections.
TABLE 9-1:
ADC CLOCK PERIOD (TAD) VS. DEVICE OPERATING FREQUENCIES (VDD > 3.0V)
Note:
Analog voltages on any pin that is defined
as a digital input may cause the input
buffer to conduct excess current.
Note:
Unless using the FRC, any changes in the
system clock frequency will change the
ADC
clock
frequency,
which
may
adversely affect the ADC result.
ADC Clock Period (TAD)
Device Frequency (FOSC)
ADC Clock Source
ADCS<2:0>
20 MHz
8 MHz
4 MHz
1 MHz
FOSC/2
000
100 ns(2)
250 ns(2)
500 ns(2)
2.0
μs
FOSC/4
100
200 ns(2)
500 ns(2)
1.0
μs(2)
4.0
μs
FOSC/8
001
400 ns(2)
1.0
μs(2)
2.0
μs
8.0
μs(3)
FOSC/16
101
800 ns(2)
2.0
μs4.0 μs
16.0
μs(3)
FOSC/32
010
1.6
μs4.0 μs
8.0
μs(3)
32.0
μs(3)
FOSC/64
110
3.2
μs
8.0
μs(3)
16.0
μs(3)
64.0
μs(3)
FRC
x11
2-6
μs(1,4)
2-6
μs(1,4)
2-6
μs(1,4)
2-6
μs(1,4)
Legend: Shaded cells are outside of recommended range.
Note 1:
The FRC source has a typical TAD time of 4
μs for VDD > 3.0V.
2:
These values violate the minimum required TAD time.
3:
For faster conversion times, the selection of another clock source is recommended.
4:
When the device frequency is greater than 1 MHz, the FRC clock source is only recommended if the
conversion will be performed during Sleep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com