Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 17 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 17 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 13Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 14Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 15Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 16Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 17Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 18Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 19Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 20Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 15
PIC16F616/16HV616
2.2.2.5
PIR1 Register
The PIR1 register contains the peripheral interrupt flag
bits, as shown in Register 2-5.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the global
enable bit, GIE of the INTCON register. User
software should ensure the appropriate
interrupt flag bits are clear prior to enabling
an interrupt.
REGISTER 2-5:
PIR1: PERIPHERAL INTERRUPT REQUEST REGISTER 1
U-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
—
ADIF
CCP1IF
C2IF
C1IF
—
TMR2IF
TMR1IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
ADIF: A/D Interrupt Flag bit
1
= A/D conversion complete
0
= A/D conversion has not completed or has not been started
bit 5
CCP1IF: CCP1 Interrupt Flag bit
Capture mode:
1
= A TMR1 register capture occurred (must be cleared in software)
0
= No TMR1 register capture occurred
Compare mode:
1
= A TMR1 register compare match occurred (must be cleared in software)
0
= No TMR1 register compare match occurred
PWM mode:
Unused in this mode
bit 4
C2IF: Comparator C2 Interrupt Flag bit
1
= Comparator C2 output has changed (must be cleared in software)
0
= Comparator C2 output has not changed
bit 3
C1IF: Comparator C1 Interrupt Flag bit
1
= Comparator C1 output has changed (must be cleared in software)
0
= Comparator C1 output has not changed
bit 2
Unimplemented: Read as ‘0’
bit 1
TMR2IF: Timer2 to PR2 Match Interrupt Flag bit
1
= Timer2 to PR2 match occurred (must be cleared in software)
0
= Timer2 to PR2 match has not occurred
bit 0
TMR1IF: Timer1 Overflow Interrupt Flag bit
1
= Timer1 register overflowed (must be cleared in software)
0
= Timer1 has not overflowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com