Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 25 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 25 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 21Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 22Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 23Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 24Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 25Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 26Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 27Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 28Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 23
PIC16F616/16HV616
3.4.1.1
OSCTUNE Register
The oscillator is factory calibrated but can be adjusted
in software by writing to the OSCTUNE register
(Register 3-1).
The default value of the OSCTUNE register is ‘0’. The
value is a 5-bit two’s complement number.
When the OSCTUNE register is modified, the frequency
will begin shifting to the new frequency. Code execution
continues during this shift. There is no indication that the
shift has occurred.
TABLE 3-2:
SUMMARY OF REGISTERS ASSOCIATED WITH CLOCK SOURCES
REGISTER 3-1:
OSCTUNE: OSCILLATOR TUNING REGISTER
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented: Read as ‘0’
bit 4-0
TUN<4:0>: Frequency Tuning bits
01111
= Maximum frequency
01110
=
•
•
•
00001
=
00000
= Oscillator module is running at the calibrated frequency.
11111
=
•
•
•
10000
= Minimum frequency
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets(1)
CONFIG(2)
IOSCFS
CP
MCLRE
PWRTE
WDTE
FOSC2
FOSC1
FOSC0
—
—
OSCTUNE
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
---0 0000
---u uuuu
Legend:
x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by oscillators.
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
See Configuration Word register (Register 11-1) for operation of all register bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com