Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 28 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 28 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 24Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 25Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 26Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 27Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 28Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 29Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 30Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 31Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 26
Preliminary
© 2006 Microchip Technology Inc.
4.2
Additional Pin Functions
Every PORTA pin on the PIC16F616/16HV616 has an
interrupt-on-change option and a weak pull-up option.
The next three sections describe these functions.
4.2.1
ANSEL REGISTER
The ANSEL register is used to configure the Input
mode of an I/O pin to analog. Setting the appropriate
ANSEL bit high will cause all digital reads on the pin to
be read as ‘0’ and allow analog functions on the pin to
operate correctly.
The state of the ANSEL bits has no affect on digital
output functions. A pin with TRIS clear and ANSEL set
will still operate as a digital output, but the Input mode
will be analog. This can cause unexpected behavior
when executing read-modify-write instructions on the
affected Port.
4.2.2
WEAK PULL-UPS
Each of the PORTA pins, except RA3, has an
individually configurable internal weak pull-up. Control
bits WPUAx enable or disable each pull-up. Refer to
Register 4-4. Each weak pull-up is automatically turned
off when the Port pin is configured as an output. The
pull-ups are disabled on a Power-on Reset by the
RAPU bit of the OPTION register). A weak pull-up is
automatically enabled for RA3 when configured as
MCLR and disabled when RA3 is an I/O. There is no
software control of the MCLR pull-up.
4.2.3
INTERRUPT-ON-CHANGE
Each PORTA pin is individually configurable as an
interrupt-on-change pin. Control bits IOCAx enable or
disable the interrupt function for each pin. Refer to
Register 4-5. The interrupt-on-change is disabled on a
Power-on Reset.
For enabled interrupt-on-change pins, the values are
compared with the old value latched on the last read of
PORTA. The ‘mismatch’ outputs of the last read are
OR’d together to set the PORTA Change Interrupt Flag
bit (RAIF) in the INTCON register (Register 2-3).
This interrupt can wake the device from Sleep. The
user, in the Interrupt Service Routine, clears the inter-
rupt by:
a)
Any read or write of PORTA. This will end the
mismatch condition, then,
b)
Clear the flag bit RAIF.
A mismatch condition will continue to set flag bit RAIF.
Reading PORTA will end the mismatch condition and
allow flag bit RAIF to be cleared. The latch holding the
last read value is not affected by a MCLR nor BOR
Reset. After these resets, the RAIF flag will continue to
be set if a mismatch is present.
Note:
If a change on the I/O pin should occur
when any PORTA operation is being
executed, then the RAIF interrupt flag may
not get set.
REGISTER 4-3:
ANSEL: ANALOG SELECT REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
ANS<7:0>: Analog Select bits
Analog select between analog or digital function on pins AN<7:0>, respectively.
1
= Analog input. Pin is assigned as analog input(1).
0
= Digital I/O. Pin is assigned to Port or special function.
Note 1:
Setting a pin to an analog input automatically disables the digital input circuitry, weak pull-ups, and inter-
rupt-on-change if available. The corresponding TRIS bit must be set to Input mode in order to allow exter-
nal control of the voltage on the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com