Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 100 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 100 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 96Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 97Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 98Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 99Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 100Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 101Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 102Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 103Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 104Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 98
Preliminary
© 2006 Microchip Technology Inc.
REGISTER 11-1:
CONFIG: CONFIGURATION WORD REGISTER
—
—
—
—
—
—BOREN1(1)
BOREN0(1)
bit 15
bit 8
IOSCFS
CP(2)
MCLRE(3)
PWRTE
WDTE
FOSC2
FOSC1
FOSC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
P = Programmable’
U = Unimplemented bit,
read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-10
Unimplemented: Read as ‘1’
bit 9-8
BOREN<1:0>: Brown-out Reset Selection bits(1)
11
= BOR enabled
10
= BOR enabled during operation and disabled in Sleep
0x
= BOR disabled
bit 7
IOSCFS: Internal Oscillator Frequency Select bit
1
= 8 MHz
0
= 4 MHz
bit 6
CP: Code Protection bit(2)
1
= Program memory code protection is disabled
0
= Program memory code protection is enabled
bit 5
MCLRE: MCLR Pin Function Select bit(3)
1
= MCLR pin function is MCLR
0
= MCLR pin function is digital input, MCLR internally tied to VDD
bit 4
PWRTE: Power-up Timer Enable bit
1
= PWRT disabled
0
= PWRT enabled
bit 3
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 2-0
FOSC<2:0>: Oscillator Selection bits
111
= RC oscillator: CLKOUT function on RA4/OSC2/CLKOUT pin, RC on RA5/OSC1/CLKIN
110
= RCIO oscillator: I/O function on RA4/OSC2/CLKOUT pin, RC on RA5/OSC1/CLKIN
101
= INTOSC oscillator: CLKOUT function on RA4/OSC2/CLKOUT pin, I/O function on
RA5/OSC1/CLKIN
100
= INTOSCIO oscillator: I/O function on RA4/OSC2/CLKOUT pin, I/O function on
RA5/OSC1/CLKIN
011
= EC: I/O function on RA4/OSC2/CLKOUT pin, CLKIN on RA5/OSC1/CLKIN
010
= HS oscillator: High-speed crystal/resonator on RA4/OSC2/CLKOUT and RA5/OSC1/CLKIN
001
= XT oscillator: Crystal/resonator on RA4/OSC2/CLKOUT and RA5/OSC1/CLKIN
000
= LP oscillator: Low-power crystal on RA4/OSC2/CLKOUT and RA5/OSC1/CLKIN
Note 1:
Enabling Brown-out Reset does not automatically enable Power-up Timer.
2:
The entire program memory will be erased when the code protection is turned off.
3:
When MCLR is asserted in INTOSC or RC mode, the internal clock oscillator is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com