Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 104 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 104 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 100Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 101Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 102Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 103Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 104Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 105Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 106Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 107Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 108Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 102
Preliminary
© 2006 Microchip Technology Inc.
11.3.6
TIME-OUT SEQUENCE
On power-up, the time-out sequence is as follows:
• PWRT time-out is invoked after POR has expired.
• OST is activated after the PWRT time-out has
expired.
The total time-out will vary based on oscillator
configuration and PWRTE bit status. For example, in EC
mode with PWRTE bit erased (PWRT disabled), there
will be no time-out at all. Figure 11-4, Figure 11-5 and
Figure 11-6 depict time-out sequences.
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, the time-outs will expire. Then,
bringing MCLR high will begin execution immediately
(see Figure 11-5). This is useful for testing purposes or
to synchronize more than one PIC16F616/16HV616
device operating in parallel.
Table 11-5 shows the Reset conditions for some spe-
cial registers, while Table 11-4 shows the Reset condi-
tions for all the registers.
11.3.7
POWER CONTROL (PCON)
REGISTER
The Power Control register PCON (address 8Eh) has
two Status bits to indicate what type of Reset occurred
last.
Bit 0 is BOR (Brown-out). BOR is unknown on Power-
on Reset. It must then be set by the user and checked
on subsequent Resets to see if BOR = 0, indicating that
a Brown-out has occurred. The BOR Status bit is a
“don’t care” and is not necessarily predictable if the
brown-out circuit is disabled (BOREN<1:0> = 00 in the
Configuration Word register).
Bit 1 is POR (Power-on Reset). It is a ‘0’ on Power-on
Reset and unaffected otherwise. The user must write a
‘1’ to this bit following a Power-on Reset. On a subse-
quent Reset, if POR is ‘0’, it will indicate that a Power-
on Reset has occurred (i.e., VDD may have gone too
low).
For more information, see Section 11.3.4 “Brown-out
Reset (BOR)”.
TABLE 11-1:
TIME-OUT IN VARIOUS SITUATIONS
TABLE 11-2:
STATUS/PCON BITS AND THEIR SIGNIFICANCE
TABLE 11-3:
SUMMARY OF REGISTERS ASSOCIATED WITH BROWN-OUT RESET
Oscillator Configuration
Power-up
Brown-out Reset
Wake-up from
Sleep
PWRTE = 0
PWRTE = 1
PWRTE = 0
PWRTE = 1
XT, HS, LP
TPWRT + 1024 •
TOSC
1024 • TOSC
TPWRT + 1024 •
TOSC
1024 • TOSC
1024 • TOSC
RC, EC, INTOSC
TPWRT
—TPWRT
——
POR
BOR
TO
PD
Condition
0x11
Power-on Reset
u011
Brown-out Reset
uu0u
WDT Reset
uu00
WDT Wake-up
uuuu
MCLR Reset during normal operation
uu10
MCLR Reset during Sleep
Legend: u = unchanged, x = unknown
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets(1)
PCON
—
—
—
—
—
—POR
BOR
---- --qq
---- --uu
STATUS
IRP
RP1
RP0
TO
PD
Z
DC
C
0001 1xxx
000q quuu
Legend: u = unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition.
Shaded cells are not used by BOR.
Note 1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com