Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 103 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 103 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 99Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 100Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 101Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 102Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 103Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 104Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 105Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 106Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 107Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 101
PIC16F616/16HV616
11.3.4
BROWN-OUT RESET (BOR)
The BOREN0 and BOREN1 bits in the Configuration
Word register select one of four BOR modes. Two
modes have been added to allow software or hardware
control of the BOR enable. When BOREN<1:0> = 01,
the SBOREN bit of the PCON register enables/disables
the BOR allowing it to be controlled in software. By
selecting BOREN<1:0> = 10, the BOR is automatically
disabled in Sleep to conserve power and enabled on
wake-up. In this mode, the SBOREN bit is disabled.
See
Register 11-1
for
the
Configuration
Word
definition.
A brown-out occurs when VDD falls below VBOR for
greater than parameter TBOR (see Section 15.0
“Electrical Specifications”). The brown-out condition
will reset the device. This will occur regardless of VDD
slew rate. A Brown-out Reset may not occur if VDD falls
below VBOR for less than parameter TBOR.
On any Reset (Power-on, Brown-out Reset, Watchdog
timer, etc.), the chip will remain in Reset until VDD rises
above VBOR (see Figure 11-3). If enabled, the Power-
up Timer will be invoked by the Reset and keep the chip
in Reset an additional 64 ms.
If VDD drops below VBOR while the Power-up Timer is
running, the chip will go back into a Brown-out Reset
and the Power-up Timer will be re-initialized. Once VDD
rises above VBOR, the Power-up Timer will execute a
64 ms Reset.
11.3.5
BOR CALIBRATION
The PIC16F616/16HV616 stores the BOR calibration
values in fuses located in the Calibration Word register
(2008h). The Calibration Word register is not erased
when using the specified bulk erase sequence in the
“PIC12F6XX/16F6XX Memory Programming Specifi-
cation” (DS41204) and thus, does not require repro-
gramming.
FIGURE 11-3:
BROWN-OUT SITUATIONS
Note:
The Power-up Timer is enabled by the
PWRTE bit in the Configuration Word
register.
Note:
Address 2008h is beyond the user pro-
gram memory space. It belongs to the
special
configuration
memory
space
(2000h-3FFFh), which can be accessed
only
during
programming.
See
“PIC12F6XX/16F6XX Memory Program-
ming Specification” (DS41204) for more
information.
64 ms(1)
VBOR
VDD
Internal
Reset
VBOR
VDD
Internal
Reset
64 ms(1)
< 64 ms
64 ms(1)
VBOR
VDD
Internal
Reset
Note 1:
64 ms delay only if PWRTE bit is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com