Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 106 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 106 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 102Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 103Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 104Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 105Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 106Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 107Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 108Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 109Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 110Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 104
Preliminary
© 2006 Microchip Technology Inc.
TABLE 11-4:
INITIALIZATION CONDITION FOR REGISTERS
Register
Address
Power-on
Reset
MCLR Reset
WDT Reset
Brown-out Reset(1)
Wake-up from Sleep through
Interrupt
Wake-up from Sleep through
WDT Time-out
W—
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
00h/80h
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0
01h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
02h/82h
0000 0000
0000 0000
PC + 1(3)
STATUS
03h/83h
0001 1xxx
000q quuu(4)
uuuq quuu
(4)
FSR
04h/84h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
05h
--x0 x000
--u0 u000
--uu uuuu
PORTC
07h
--xx xx00
--uu 00uu
--uu uuuu
PCLATH
0Ah/8Ah
---0 0000
---0 0000
---u uuuu
INTCON
0Bh/8Bh
0000 0000
0000 0000
uuuu uuuu(2)
PIR1
0Ch
-000 0-00
-000 0-00
-uuu u-uu(2)
TMR1L
0Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
0Fh
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
10h
0000 0000
uuuu uuuu
-uuu uuuu
TMR2
11h
0000 0000
0000 0000
uuuu uuuu
T2CON
12h
-000 0000
-000 0000
-uuu uuuu
CCPR1L
13h
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1H
14h
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
15h
0000 0000
0000 0000
uuuu uuuu
PWM1CON
16h
0000 0000
0000 0000
uuuu uuuu
ECCPAS
17h
0000 0000
0000 0000
uuuu uuuu
VRCON
19h
0000 0000
0000 0000
uuuu uuuu
CM1CON0
1Ah
0000 -000
0000 -000
uuuu -uuu
CM2CON0
1Bh
0000 -000
0000 -000
uuuu -uuu
CM2CON1
1Ch
00-0 0000
00-0 0000
uu-u uuuu
ADRESH
1Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
1Fh
0000 0000
0000 0000
uuuu uuuu
OPTION_REG
81h
1111 1111
1111 1111
uuuu uuuu
TRISA
85h
--11 1111
--11 1111
--uu uuuu
TRISC
87h
--11 1111
--11 1111
--uu uuuu
PIE1
8Ch
-000 0-00
-000 0-00
-uuu u-uu
PCON
8Eh
---- --0x
---- --uu(1, 5)
---- --uu
OSCTUNE
90h
---0 0000
---u uuuu
---u uuuu
ANSEL
91h
1111 1111
1111 1111
uuuu uuuu
Legend: u = unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt
vector (0004h).
4:
See Table 11-5 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com