Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 110 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 110 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 106Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 107Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 108Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 109Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 110Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 111Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 112Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 113Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 114Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 108
Preliminary
© 2006 Microchip Technology Inc.
FIGURE 11-8:
INT PIN INTERRUPT TIMING
TABLE 11-6:
SUMMARY OF REGISTERS ASSOCIATED WITH INTERRUPTS
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000 0000 0000
IOCA
—
—
IOCA5
IOCA4
IOCA3
IOCA2
IOCA1
IOCA0
--00 0000 --00 0000
PIR1
—
ADIF
CCP1IF
C2IF
C1IF
—
TMR2IF
TMR1IF
-000 0-00 -000 0-00
PIE1
—
ADIE
CCP1IE
C2IE
C1IE
—
TMR2IE
TMR1IE
-000 0-00 -000 0-00
Legend: x = unknown, u = unchanged, – = unimplemented read as ‘0’, q = value depends upon condition.
Shaded cells are not used by the interrupt module.
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
OSC1
CLKOUT
INT pin
INTF flag
(INTCON reg.)
GIE bit
(INTCON reg.)
INSTRUCTION FLOW
PC
Instruction
Fetched
Instruction
Executed
Interrupt Latency
PC
PC + 1
PC + 1
0004h
0005h
Inst (0004h)
Inst (0005h)
Dummy Cycle
Inst (PC)
Inst (PC + 1)
Inst (PC – 1)
Inst (0004h)
Dummy Cycle
Inst (PC)
—
Note 1:
INTF flag is sampled here (every Q1).
2:
Asynchronous interrupt latency = 3-4 TCY. Synchronous latency = 3 TCY, where TCY = instruction cycle time. Latency
is the same whether Inst (PC) is a single cycle or a 2-cycle instruction.
3:
CLKOUT is available only in INTOSC and RC Oscillator modes.
4:
For minimum width of INT pulse, refer to AC specifications in Section 15.0 “Electrical Specifications”.
5:
INTF is enabled to be set any time during the Q4-Q1 cycles.
(1)
(2)
(3)
(4)
(5)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com