Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 114 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 114 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 110Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 111Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 112Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 113Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 114Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 115Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 116Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 117Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 118Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 112
Preliminary
© 2006 Microchip Technology Inc.
11.7
Power-Down Mode (Sleep)
The Power-Down mode is entered by executing a
SLEEP
instruction.
If the Watchdog Timer is enabled:
• WDT will be cleared but keeps running.
•PD bit in the STATUS register is cleared.
•TO bit is set.
• Oscillator driver is turned off.
• I/O ports maintain the status they had before SLEEP
was executed (driving high, low or high-impedance).
For lowest current consumption in this mode, all I/O pins
should be either at VDD or VSS, with no external circuitry
drawing current from the I/O pin and the comparators
and CVREF should be disabled. I/O pins that are high-
impedance inputs should be pulled high or low externally
to avoid switching currents caused by floating inputs.
The T0CKI input should also be at VDD or VSS for lowest
current consumption. The contribution from on-chip pull-
ups on PORTA should be considered.
The MCLR pin must be at a logic high level.
11.7.1
WAKE-UP FROM SLEEP
The device can wake-up from Sleep through one of the
following events:
1.
External Reset input on MCLR pin.
2.
Watchdog
Timer
wake-up
(if
WDT
was
enabled).
3.
Interrupt from RA2/INT pin, PORTA change or a
peripheral interrupt.
The first event will cause a device Reset. The two latter
events are considered a continuation of program
execution. The TO and PD bits in the STATUS register
can be used to determine the cause of device Reset.
The PD bit, which is set on power-up, is cleared when
Sleep is invoked. TO bit is cleared if WDT wake-up
occurred.
The following peripheral interrupts can wake the device
from Sleep:
1.
Timer1 interrupt. Timer1 must be operating as
an asynchronous counter.
2.
ECCP Capture mode interrupt.
3.
A/D conversion (when A/D clock source is RC).
4.
Comparator output changes state.
5.
Interrupt-on-change.
6.
External Interrupt from INT pin.
Other peripherals cannot generate interrupts since
during Sleep, no on-chip clocks are present.
When the SLEEP instruction is being executed, the next
instruction (PC + 1) is prefetched. For the device to
wake-up through an interrupt event, the corresponding
interrupt enable bit must be set (enabled). Wake-up is
regardless of the state of the GIE bit. If the GIE bit is
clear (disabled), the device continues execution at the
instruction after the SLEEP instruction. If the GIE bit is
set (enabled), the device executes the instruction after
the SLEEP instruction, then branches to the interrupt
address (0004h). In cases where the execution of the
instruction following SLEEP is not desirable, the user
should have a NOP after the SLEEP instruction.
The WDT is cleared when the device wakes up from
Sleep, regardless of the source of wake-up.
11.7.2
WAKE-UP USING INTERRUPTS
When global interrupts are disabled (GIE cleared) and
any interrupt source has both its interrupt enable bit
and interrupt flag bit set, one of the following will occur:
• If the interrupt occurs before the execution of a
SLEEP
instruction, the SLEEP instruction will
complete as a NOP. Therefore, the WDT and WDT
prescaler and postscaler (if enabled) will not be
cleared, the TO bit will not be set and the PD bit
will not be cleared.
• If the interrupt occurs during or after the
execution of a SLEEP instruction, the device will
Immediately wake-up from Sleep. The SLEEP
instruction is executed. Therefore, the WDT and
WDT prescaler and postscaler (if enabled) will be
cleared, the TO bit will be set and the PD bit will
be cleared.
Even if the flag bits were checked before executing a
SLEEP
instruction, it may be possible for flag bits to
become set before the SLEEP instruction completes. To
determine whether a SLEEP instruction executed, test
the PD bit. If the PD bit is set, the SLEEP instruction
was executed as a NOP.
To ensure that the WDT is cleared, a CLRWDT instruction
should be executed before a SLEEP instruction. See
Figure 11-9 for more details.
Note:
It should be noted that a Reset generated
by a WDT time-out does not drive MCLR
pin low.
Note:
If the global interrupts are disabled (GIE is
cleared) and any interrupt source has both
its interrupt enable bit and the correspond-
ing interrupt flag bits set, the device will
immediately wake-up from Sleep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com