Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 58 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 58 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 54Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 55Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 56Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 57Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 58Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 59Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 60Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 61Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 56
Preliminary
© 2006 Microchip Technology Inc.
8.7
Comparator Analog Input
Connection Considerations
A simplified circuit for an analog input is shown in
Figure 8-6. Since the analog input pins share their con-
nection with a digital input, they have reverse biased
ESD protection diodes to VDD and VSS. The analog
input, therefore, must be between VSS and VDD. If the
input voltage deviates from this range by more than
0.6V in either direction, one of the diodes is forward
biased and a latch-up may occur.
A maximum source impedance of 10 k
Ω is recommended
for the analog sources. Also, any external component
connected to an analog input pin, such as a capacitor or
a Zener diode, should have very little leakage current to
minimize inaccuracies introduced.
FIGURE 8-6:
ANALOG INPUT MODEL
Note 1: When reading a PORT register, all pins
configured as analog inputs will read as a
‘0’. Pins configured as digital inputs will
convert as an analog input, according to
the input specification.
2: Analog levels on any pin defined as a
digital input, may cause the input buffer to
consume more current than is specified.
VA
Rs < 10K
CPIN
5 pF
VDD
VT
≈ 0.6V
VT
≈ 0.6V
RIC
ILEAKAGE
±500 nA
Vss
AIN
Legend: CPIN
= Input Capacitance
ILEAKAGE = Leakage Current at the pin due to various junctions
RIC
= Interconnect Resistance
RS
= Source Impedance
VA
= Analog Voltage
VT
= Threshold Voltage
To ADC Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com