Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 44 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 44 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 40Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 41Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 42Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 43Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 44Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 45Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 46Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 47Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 42
Preliminary
© 2006 Microchip Technology Inc.
6.2.1
INTERNAL CLOCK SOURCE
When the internal clock source is selected the
TMR1H:TMR1L register pair will increment on multiples
of FOSC as determined by the Timer1 prescaler.
6.2.2
EXTERNAL CLOCK SOURCE
When the external clock source is selected, the Timer1
module may work as a timer or a counter.
When counting, Timer1 is incremented on the rising
edge of the external clock input T1CKI. In addition, the
Counter mode clock can be synchronized to the
microcontroller system clock or run asynchronously.
If an external clock oscillator is needed (and the
microcontroller is using the INTOSC without CLKOUT),
Timer1 can use the LP oscillator as a clock source.
6.3
Timer1 Prescaler
Timer1 has four prescaler options allowing 1, 2, 4 or 8
divisions of the clock input. The T1CKPS bits of the
T1CON register control the prescale counter. The
prescale counter is not directly readable or writable;
however, the prescaler counter is cleared upon a write to
TMR1H or TMR1L.
6.4
Timer1 Oscillator
A low-power 32.768 kHz crystal oscillator is built-in
between pins OSC1 (input) and OSC2 (amplifier
output). The oscillator is enabled by setting the
T1OSCEN control bit of the T1CON register. The
oscillator will continue to run during Sleep.
The Timer1 oscillator is shared with the system LP
oscillator. Thus, Timer1 can use this mode only when
the primary system clock is derived from the internal
oscillator or when the oscillator is in the LP mode. The
user must provide a software time delay to ensure
proper oscillator start-up.
TRISA5 and TRISA4 bits are set when the Timer1
oscillator is enabled. RA5 and RA4 bits read as ‘0’ and
TRISA5 and TRISA4 bits read as ‘1’.
6.5
Timer1 Operation in
Asynchronous Counter Mode
If control bit T1SYNC of the T1CON register is set, the
external clock input is not synchronized. The timer
increments asynchronously to the internal phase
clocks. If external clock source is selected then the
timer will continue to run during Sleep and can
generate an interrupt on overflow, which will wake-up
the processor. However, special precautions in
software are needed to read/write the timer (see
Section 6.5.1 “Reading and Writing Timer1 in
Asynchronous Counter Mode”).
6.5.1
READING AND WRITING TIMER1 IN
ASYNCHRONOUS COUNTER
MODE
Reading TMR1H or TMR1L while the timer is running
from an external asynchronous clock will ensure a valid
read (taken care of in hardware). However, the user
should keep in mind that reading the 16-bit timer in two
8-bit values itself, poses certain problems, since the
timer may overflow between the reads.
For writes, it is recommended that the user simply stop
the timer and write the desired values. A write
contention may occur by writing to the timer registers,
while the register is incrementing. This may produce an
unpredictable value in the TMR1H:TMR1L register pair.
6.6
Timer1 Gate
Timer1 gate source is software configurable to be the
T1G pin or the output of Comparator C2. This allows the
device to directly time external events using T1G or
analog
events
using
Comparator
C2.
See
the
CM2CON1 register (Register 8-3) for selecting the
Timer1 gate source. This feature can simplify the
software for a Delta-Sigma A/D converter and many
other applications. For more information on Delta-Sigma
A/D
converters,
see
the
Microchip
web
site
(www.microchip.com).
Timer1 gate can be inverted using the T1GINV bit of
the T1CON register, whether it originates from the T1G
pin or Comparator C2 output. This configures Timer1 to
measure either the active-high or active-low time
between events.
Note:
In Counter mode, a falling edge must be
registered by the counter prior to the first
incrementing rising edge.
Note:
The oscillator requires a start-up and
stabilization
time
before
use.
Thus,
T1OSCEN should be set and a suitable
delay observed prior to enabling Timer1.
Note:
When switching from synchronous to
asynchronous operation, it is possible to
skip an increment. When switching from
asynchronous to synchronous operation,
it is possible to produce an additional
increment.
Note:
TMR1GE bit of the T1CON register must
be set to use either T1G or C2OUT as the
Timer1 gate source. See the CM2CON1
register (Register 8-3) for more informa-
tion on selecting the Timer1 gate source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com