Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 27 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 27 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 23Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 24Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 25Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 26Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 27Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 28Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 29Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 30Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 25
PIC16F616/16HV616
4.0
I/O PORTS
There are as many as twelve general purpose I/O pins
available. Depending on which peripherals are enabled,
some or all of the pins may not be available as general
purpose I/O. In general, when a peripheral is enabled,
the associated pin may not be used as a general
purpose I/O pin.
4.1
PORTA and the TRISA Registers
PORTA is a 6-bit wide, bidirectional Port. The
corresponding
data
direction
register
is
TRISA
(Register 4-2). Setting a TRISA bit (= 1) will make the
corresponding PORTA pin an input (i.e., disable the
output driver). Clearing a TRISA bit (= 0) will make the
corresponding PORTA pin an output (i.e., enables output
driver and puts the contents of the output latch on the
selected pin). The exception is RA3, which is input only
and its TRIS bit will always read as ‘1’. Example 4-1
shows how to initialize PORTA.
Reading the PORTA register (Register 4-1) reads the
status of the pins, whereas writing to it will write to the
Port latch. All write operations are read-modify-write
operations. Therefore, a write to a Port implies that the
Port pins are read, this value is modified and then
written to the Port data latch. RA3 reads ‘0’ when
MCLRE = 1.
The TRISA register controls the direction of the
PORTA pins, even when they are being used as analog
inputs. The user must ensure the bits in the TRISA
register are maintained set when using them as analog
inputs. I/O pins configured as analog input always read
‘0’.
EXAMPLE 4-1:
INITIALIZING PORTA
Note:
The ANSEL register must be initialized to
configure an analog channel as a digital
input. Pins configured as analog inputs will
read ‘0’ and cannot generate an interrupt.
BCF
STATUS,RP0
;Bank 0
CLRF
PORTA
;Init PORTA
BSF
STATUS,RP0
;Bank 1
CLRF
ANSEL
;digital I/O
MOVLW
0Ch
;Set RA<3:2> as inputs
MOVWF
TRISA
;and set RA<5:4,1:0>
;as outputs
BCF
STATUS,RP0
;Bank 0
REGISTER 4-1:
PORTA: PORTA REGISTER
U-0
U-0
R/W-x
R/W-0
R-x
R/W-0
R/W-0
R/W-0
—
—
RA5
RA4
RA3
RA2
RA1
RA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
RA<5:0>: PORTA I/O Pin bit
1
= PORTA pin is > VIH
0
= PORTA pin is < VIL
REGISTER 4-2:
TRISA: PORTA TRI-STATE REGISTER
U-0
U-0
R/W-1
R/W-1
R-1
R/W-1
R/W-1
R/W-1
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
TRISA<5:0>: PORTA Tri-State Control bit
1
= PORTA pin configured as an input (tri-stated)
0
= PORTA pin configured as an output
Note
1:
TRISA<3> always reads ‘1’.
2:
TRISA<5:4> always reads ‘1’ in XT, HS and LP Oscillator modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com