Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 91 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 91 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 87Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 88Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 89Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 90Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 91Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 92Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 93Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 94Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 95Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 89
PIC16F616/16HV616
10.4.2.1
Direction Change in Full-Bridge
Mode
In the Full-Bridge mode, the P1M1 bit in the CCP1CON
register allows users to control the forward/reverse
direction. When the application firmware changes this
direction control bit, the module will change to the new
direction on the next PWM cycle.
A direction change is initiated in software by changing
the P1M1 bit of the CCP1CON register. The following
sequence occurs four Timer2 cycles prior to the end of
the current PWM period:
• The modulated outputs (P1B and P1D) are placed
in their inactive state.
• The associated unmodulated outputs (P1A and
P1C) are switched to drive in the opposite
direction.
• PWM modulation resumes at the beginning of the
next period.
See Figure 10-12 for an illustration of this sequence.
The Full-Bridge mode does not provide dead-band
delay. As one output is modulated at a time, dead-band
delay is generally not required. There is a situation
where dead-band delay is required. This situation
occurs when both of the following conditions are true:
1.
The direction of the PWM output changes when
the duty cycle of the output is at or near 100%.
2.
The turn off time of the power switch, including
the power device and driver circuit, is greater
than the turn on time.
Figure 10-13 shows an example of the PWM direction
changing from forward to reverse, at a near 100% duty
cycle. In this example, at time t1, the output P1A and
P1D become inactive, while output P1C becomes
active. Since the turn off time of the power devices is
longer than the turn on time, a shoot-through current
will flow through power devices QC and QD (see
Figure 10-10) for the duration of ‘t’. The same
phenomenon will occur to power devices QA and QB
for PWM direction change from reverse to forward.
If changing PWM direction at high duty cycle is required
for an application, two possible solutions for eliminating
the shoot-through current are:
1.
Reduce PWM duty cycle for one PWM period
before changing directions.
2.
Use switch drivers that can drive the switches off
faster than they can drive them on.
Other options to prevent shoot-through current may
exist.
FIGURE 10-12:
EXAMPLE OF PWM DIRECTION CHANGE
Pulse Width
Period(1)
Signal
Note 1:
The direction bit P1M1 of the CCP1CON register is written any time during the PWM cycle.
2:
When changing directions, the P1A and P1C signals switch before the end of the current PWM cycle. The
modulated P1B and P1D signals are inactive at this time. The length of this time is four Timer2 counts.
Period
(2)
P1A (Active-High)
P1B (Active-High)
P1C (Active-High)
P1D (Active-High)
Pulse Width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com