Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 18 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 18 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 14Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 15Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 16Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 17Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 18Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 19Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 20Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 21Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 16
Preliminary
© 2006 Microchip Technology Inc.
2.2.2.6
PCON Register
The Power Control (PCON) register (see Table 11-2)
contains flag bits to differentiate between a:
• Power-on Reset (POR)
• Brown-out Reset (BOR)
• Watchdog Timer Reset (WDT)
• External MCLR Reset
The PCON register also controls the software enable of
the BOR.
The PCON register bits are shown in Register 2-6.
REGISTER 2-6:
PCON: POWER CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0(1)
—
—
—
—
—
—POR
BOR
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-2
Unimplemented: Read as ‘0’
bit 1
POR: Power-on Reset Status bit
1
= No Power-on Reset occurred
0
= A Power-on Reset occurred (must be set in software after a Power-on Reset occurs)
bit 0
BOR: Brown-out Reset Status bit
1
= No Brown-out Reset occurred
0
= A Brown-out Reset occurred (must be set in software after a Brown-out Reset occurs)
Note 1:
Reads as ‘0’ if Brown-out Reset is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com