Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 10 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 10 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 6Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 7Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 8Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 9Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 10Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 11Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 12Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 13Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 8
Preliminary
© 2006 Microchip Technology Inc.
2.2.1
GENERAL PURPOSE REGISTER
FILE
The register file is organized as 128 x 8 in the
PIC16F616/16HV616. Each register is accessed,
either directly or indirectly, through the File Select Reg-
ister (FSR) (see Section 2.4 “Indirect Addressing,
INDF and FSR Registers”).
2.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers are registers used by
the CPU and peripheral functions for controlling the
desired operation of the device (see Table 2-1). These
registers are static RAM.
The special registers can be classified into two sets:
core and peripheral. The Special Function Registers
associated with the “core” are described in this section.
Those related to the operation of the peripheral features
are described in the section of that peripheral feature.
FIGURE 2-2:
DATA MEMORY MAP OF
THE PIC16F616/16HV616
Indirect Addr.(1)
TMR0
PCL
STATUS
FSR
PORTA
PCLATH
INTCON
PIR1
TMR1L
TMR1H
T1CON
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
18h
19h
1Ah
1Bh
1Ch
1Dh
1Eh
1Fh
20h
7Fh
Bank 0
Unimplemented data memory locations, read as ‘0’.
Note
1:
Not a physical register.
CM1CON0
SRCON0
General
Purpose
Registers
96 Bytes
SRCON1
File
Address
File
Address
WPUA
IOCA
Indirect Addr.(1)
OPTION_REG
PCL
STATUS
FSR
TRISA
PCLATH
INTCON
PIE1
PCON
80h
81h
82h
83h
84h
85h
86h
87h
88h
89h
8Ah
8Bh
8Ch
8Dh
8Eh
8Fh
90h
91h
92h
93h
94h
95h
96h
97h
98h
99h
9Ah
9Bh
9Ch
9Dh
9Eh
9Fh
A0h
FFh
Bank 1
ADRESH
ADCON0
ADRESL
ADCON1
ANSEL
TRISC
PORTC
BFh
General
Purpose
Registers
32 Bytes
Accesses 70h-7Fh
F0h
TMR2
T2CON
CCPR1L
CCPR1H
CCP1CON
PWM1CON
ECCPAS
VRCON
CM2CON0
OSCTUNE
PR2
70h
6Fh
CM2CON1
C0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com