Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 46 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 46 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 42Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 43Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 44Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 45Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 46Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 47Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 48Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 49Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 44
Preliminary
© 2006 Microchip Technology Inc.
6.12
Timer1 Control Register
The Timer1 Control register (T1CON), shown in
Register 6-1, is used to control Timer1 and select the
various features of the Timer1 module.
REGISTER 6-1:
T1CON: TIMER 1 CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
T1GINV(1)
TMR1GE(2)
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
T1GINV: Timer1 Gate Invert bit(1)
1
= Timer1 gate is active high (Timer1 counts when gate is high)
0
= Timer1 gate is active low (Timer1 counts when gate is low)
bit 6
TMR1GE: Timer1 Gate Enable bit(2)
If TMR1ON = 0:
This bit is ignored
If TMR1ON = 1:
1
= Timer1 is on if Timer1 gate is not active
0
= Timer1 is on
bit 5-4
T1CKPS<1:0>: Timer1 Input Clock Prescale Select bits
11
= 1:8 Prescale Value
10
= 1:4 Prescale Value
01
= 1:2 Prescale Value
00
= 1:1 Prescale Value
bit 3
T1OSCEN: LP Oscillator Enable Control bit
If INTOSC without CLKOUT oscillator is active:
1
= LP oscillator is enabled for Timer1 clock
0
= LP oscillator is off
Else:
This bit is ignored
bit 2
T1SYNC: Timer1 External Clock Input Synchronization Control bit
TMR1CS = 1:
1
= Do not synchronize external clock input
0
= Synchronize external clock input
TMR1CS = 0:
This bit is ignored. Timer1 uses the internal clock
bit 1
TMR1CS: Timer1 Clock Source Select bit
1
= External clock from T1CKI pin (on the rising edge)
0
= Internal clock (FOSC/4)
bit 0
TMR1ON: Timer1 On bit
1
= Enables Timer1
0
= Stops Timer1
Note 1:
T1GINV bit inverts the Timer1 gate logic, regardless of source.
2:
TMR1GE bit must be set to use either T1G pin or C2OUT, as selected by the T1GSS bit of the CM2CON1
register, as a Timer1 gate source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com