Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 75 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 75 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 71Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 72Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 73Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 74Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 75Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 76Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 77Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 78Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 79Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 73
PIC16F616/16HV616
9.3
A/D Acquisition Requirements
For the ADC to meet its specified accuracy, the charge
holding capacitor (CHOLD) must be allowed to fully
charge to the input channel voltage level. The Analog
Input model is shown in Figure 9-4. The source
impedance (RS) and the internal sampling switch (RSS)
impedance directly affect the time required to charge the
capacitor CHOLD. The sampling switch (RSS) impedance
varies over the device voltage (VDD), see Figure 9-4.
The maximum recommended impedance for analog
sources is 10 k
Ω. As the source impedance is
decreased, the acquisition time may be decreased.
After the analog input channel is selected (or changed),
an A/D acquisition must be done before the conversion
can be started. To calculate the minimum acquisition
time, Equation 9-1 may be used. This equation
assumes that 1/2 LSb error is used (1024 steps for the
ADC). The 1/2 LSb error is the maximum error allowed
for the ADC to meet its specified resolution.
EQUATION 9-1:
ACQUISITION TIME EXAMPLE
TACQ
Amplifier Settling Time
Hold Capacitor Charging Time
Temperature Coefficient
++
=
TAMP
TC
TCOFF
++
=
5µs
TC
Temperature - 25°C
() 0.05µs/°C
()
[]
++
=
TC
CHOLD RIC
RSS
RS
++
() ln(1/2047)
–
=
10pF 1k
Ω 7kΩ 10kΩ
++
()
–
ln(0.0004885)
=
1.37
=
µs
TACQ
5µS
1.37µS
50°C- 25°C
() 0.05µS/°C
()
[]
++
=
7.67µS
=
VAPPLIED 1e
Tc
–
RC
---------
–
⎝⎠
⎜⎟
⎛⎞
VAPPLIED 1
1
2047
------------
–
⎝⎠
⎛⎞
=
VAPPLIED 1
1
2047
------------
–
⎝⎠
⎛⎞
VCHOLD
=
VAPPLIED 1e
TC
–
RC
----------
–
⎝⎠
⎜⎟
⎛⎞
VCHOLD
=
;[1] VCHOLD charged to within 1/2 lsb
;[2] VCHOLD charge response to VAPPLIED
;combining [1] and [2]
The value for TC can be approximated with the following equations:
Solving for TC:
Therefore:
Temperature
50°C and external impedance of 10k
Ω 5.0V VDD
=
Assumptions:
Note 1: The reference voltage (VREF) has no effect on the equation, since it cancels itself out.
2: The charge holding capacitor (CHOLD) is not discharged after each conversion.
3: The maximum recommended impedance for analog sources is 10 k
Ω. This is required to meet the pin
leakage specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com