Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 112 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 112 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 108Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 109Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 110Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 111Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 112Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 113Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 114Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 115Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 116Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 110
Preliminary
© 2006 Microchip Technology Inc.
11.6
Watchdog Timer (WDT)
The Watchdog Timer is a free running, on-chip RC
oscillator, which requires no external components. This
RC oscillator is separate from the external RC oscillator
of the CLKIN pin and INTOSC. That means that the
WDT will run, even if the clock on the OSC1 and OSC2
pins of the device has been stopped (for example, by
execution of a SLEEP instruction). During normal oper-
ation, a WDT time out generates a device Reset. If the
device is in Sleep mode, a WDT time out causes the
device to wake-up and continue with normal operation.
The WDT can be permanently disabled by program-
ming
the
Configuration
bit,
WDTE,
as
clear
(Section 11.1 “Configuration Bits”).
11.6.1
WDT PERIOD
The WDT has a nominal time-out period of 18 ms (with
no
prescaler).
The
time-out
periods
vary
with
temperature, VDD and process variations from part to
part (see DC specs). If longer time-out periods are
desired, a prescaler with a division ratio of up to 1:128
can be assigned to the WDT under software control by
writing to the OPTION register. Thus, time-out periods
up to 2.3 seconds can be realized.
The CLRWDT and SLEEP instructions clear the WDT
and the prescaler, if assigned to the WDT, and prevent
it from timing out and generating a device Reset.
The TO bit in the STATUS register will be cleared upon
a Watchdog Timer time out.
11.6.2
WDT PROGRAMMING
CONSIDERATIONS
It should also be taken in account that under worst case
conditions (i.e., VDD = Min., Temperature = Max., Max.
WDT prescaler) it may take several seconds before a
WDT time out occurs.
FIGURE 11-2:
WATCHDOG TIMER BLOCK DIAGRAM
TABLE 11-7:
WDT STATUS
Conditions
WDT
WDTE = 0
Cleared
CLRWDT
Command
Oscillator Fail Detected
Exit Sleep + System Clock = T1OSC, EXTRC, INTRC, EXTCLK
Exit Sleep + System Clock = XT, HS, LP
Cleared until the end of OST
T0CKI
T0SE
pin
CLKOUT
TMR0
Watchdog
Timer
WDT
Time-Out
PS<2:0>
WDTE
Data Bus
Set Flag bit T0IF
on Overflow
T0CS
Note
1:
T0SE, T0CS, PSA, PS<2:0> are bits in the OPTION register.
0
1
0
1
0
1
SYNC 2
Cycles
8
8
8-bit
Prescaler
0
1
(= FOSC/4)
PSA
PSA
PSA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com