Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 102 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 102 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 98Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 99Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 100Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 101Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 102Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 103Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 104Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 105Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 106Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 172 page
background image
PIC16F616/16HV616
DS41288A-page 100
Preliminary
© 2006 Microchip Technology Inc.
11.3.1
POWER-ON RESET (POR)
The on-chip POR circuit holds the chip in Reset until
VDD has reached a high enough level for proper
operation. To take advantage of the POR, simply
connect the MCLR pin through a resistor to VDD. This
will eliminate external RC components usually needed
to create Power-on Reset. A maximum rise time for
VDD
is
required.
See
Section 15.0
“Electrical
Specifications” for details. If the BOR is enabled, the
maximum rise time specification does not apply. The
BOR circuitry will keep the device in Reset until VDD
reaches VBOR (see Section 11.3.4 “Brown-out Reset
(BOR)”).
When the device starts normal operation (exits the
Reset condition), device operating parameters (i.e.,
voltage, frequency, temperature, etc.) must be met to
ensure proper operation. If these conditions are not
met, the device must be held in Reset until the
operating conditions are met.
For additional information, refer to Application Note
AN607, “Power-up Trouble Shooting” (DS00607).
11.3.2
MCLR
PIC16F616/16HV616 has a noise filter in the MCLR
Reset path. The filter will detect and ignore small
pulses.
It should be noted that a WDT Reset does not drive
MCLR pin low.
Voltages applied to the MCLR pin that exceed its
specification can result in both MCLR Resets and
excessive current beyond the device specification
during the ESD event. For this reason, Microchip
recommends that the MCLR pin no longer be tied
directly to VDD. The use of an RC network, as shown in
Figure 11-2, is suggested.
An internal MCLR option is enabled by clearing the
MCLRE bit in the Configuration Word register. When
MCLRE = 0, the Reset signal to the chip is generated
internally. When the MCLRE = 1, the RA3/MCLR pin
becomes an external Reset input. In this mode, the
RA3/MCLR pin has a weak pull-up to VDD.
FIGURE 11-2:
RECOMMENDED MCLR
CIRCUIT
11.3.3
POWER-UP TIMER (PWRT)
The Power-up Timer provides a fixed 64 ms (nominal)
time-out on power-up only, from POR or Brown-out
Reset. The Power-up Timer operates from an internal
RC oscillator. For more information, see Section 3.4
“Internal Clock Modes”. The chip is kept in Reset as
long as PWRT is active. The PWRT delay allows the
VDD to rise to an acceptable level. A Configuration bit,
PWRTE, can disable (if set) or enable (if cleared or
programmed) the Power-up Timer. The Power-up
Timer should be enabled when Brown-out Reset is
enabled, although it is not required.
The Power-up Timer delay will vary from chip-to-chip
due to:
•VDD variation
• Temperature variation
• Process variation
See
DC
parameters
for
details
(Section 15.0
“Electrical Specifications”).
Note:
The POR circuit does not produce an
internal Reset when VDD declines. To re-
enable the POR, VDD must reach Vss for
a minimum of 100
μs.
Note:
Voltage spikes below VSS at the MCLR
pin, inducing currents greater than 80 mA,
may cause latch-up. Thus, a series resis-
tor of 50-100
Ω should be used when
applying a “low” level to the MCLR pin,
rather than pulling this pin directly to VSS.
VDD
PICmicro®
MCLR
R1
1k
Ω (or greater)
C1
0.1
μF
(optional, not critical)
R2
100
Ω
(needed with capacitor)
SW1
(optional)
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com