Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 101 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 101 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 97Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 98Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 99Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 100Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 101Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 102Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 103Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 104Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 105Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 99
PIC16F616/16HV616
11.2
Calibration Bits
The 8 MHz internal oscillator is factory calibrated.
These calibration values are stored in fuses located in
the Calibration Word (2009h). The Calibration Word is
not erased when using the specified bulk erase
sequence in the “PIC12F6XX/16F6XX Memory Pro-
gramming Specification” (DS41204) and thus, does not
require reprogramming.
11.3
Reset
The
PIC16F616/16HV616
differentiates
between
various kinds of Reset:
a)
Power-on Reset (POR)
b)
WDT Reset during normal operation
c)
WDT Reset during Sleep
d)
MCLR Reset during normal operation
e)
MCLR Reset during Sleep
f)
Brown-out Reset (BOR)
Some registers are not affected in any Reset condition;
their status is unknown on POR and unchanged in any
other Reset. Most other registers are reset to a “Reset
state” on:
• Power-on Reset
•MCLR Reset
•MCLR Reset during Sleep
• WDT Reset
• Brown-out Reset (BOR)
WDT wake-up does not cause register resets in the
same manner as a WDT Reset since wake-up is
viewed as the resumption of normal operation. TO and
PD bits are set or cleared differently in different Reset
situations, as indicated in Table 11-2. Software can use
these bits to determine the nature of the Reset. See
Table 11-4 for a full description of Reset states of all
registers.
A simplified block diagram of the On-Chip Reset Circuit
is shown in Figure 11-1.
The MCLR Reset path has a noise filter to detect and
ignore small pulses. See Section 15.0 “Electrical
Specifications” for pulse-width specifications.
FIGURE 11-1:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
S
RQ
External
Reset
MCLR/VPP pin
VDD
OSC1/
WDT
Module
VDD Rise
Detect
OST/PWRT
On-Chip
WDT
Time-out
Power-on Reset
OST
10-bit Ripple Counter
PWRT
Chip_Reset
11-bit Ripple Counter
Reset
Enable OST
Enable PWRT
Sleep
Brown-out(1)
Reset
BOREN
CLKI pin
Note
1:
Refer to the Configuration Word register (Register 11-1).
RC OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com