Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F616-E/ML Datasheet(PDF) 133 Page - Cirrus Logic

Part # PIC16F616-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16F616-E/ML Datasheet(HTML) 133 Page - Cirrus Logic

Back Button PIC16F616-E/ML Datasheet HTML 129Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 130Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 131Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 132Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 133Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 134Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 135Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 136Page - Cirrus Logic PIC16F616-E/ML Datasheet HTML 137Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 131
PIC16F616/16HV616
15.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings(†)
Ambient temperature under bias..........................................................................................................-40° to +125°C
Storage temperature ........................................................................................................................ -65°C to +150°C
Voltage on VDD with respect to VSS ................................................................................................... -0.3V to +6.5V
Voltage on MCLR with respect to Vss ............................................................................................... -0.3V to +13.5V
Voltage on all other pins with respect to VSS ........................................................................... -0.3V to (VDD + 0.3V)
Total power dissipation(1) ............................................................................................................................... 800 mW
Maximum current out of VSS pin ...................................................................................................................... 95 mA
Maximum current into VDD pin ......................................................................................................................... 95 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
...............................................................................................................± 20 mA
Output clamp current, IOK (Vo < 0 or Vo >VDD)
.........................................................................................................± 20 mA
Maximum output current sunk by any I/O pin.................................................................................................... 25 mA
Maximum output current sourced by any I/O pin .............................................................................................. 25 mA
Maximum current sunk by PORTA and PORTC (combined) ........................................................................... 90 mA
Maximum current sourced PORTA and PORTC (combined) ........................................................................... 90 mA
Note 1:
Power dissipation is calculated as follows: PDIS = VDD x {IDD –
∑ IOH} + ∑ {(VDD – VOH) x IOH} + ∑(VOl x IOL).
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure above maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com