Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 113 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 113 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 109Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 110Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 111Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 112Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 113Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 114Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 115Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 116Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 117Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 152 page
background image
SH79F6488/SH79F6489
113
IN
NAK
Endpoint write byte 0
Endpoint write byte 1
Endpoint write byte 2
Endpoint write byte n
IEPnIF=0;OEPnRDY=1
IN
IN
NAK
NAK
IN
IEPnIF=1;IEPnRDY=0
Host
USB SIE
8051 CPU
ACK
DATA0(nbytes)
Endpoint write byte 0
USB Bulk/Interrupt Transfer (IN transaction) Flow
8.9.3 Suspend/Resume Control
When the USB controller detected suspend signal, the SUSPIF will be setted by hardware, the USB interrupt will be generated,
if the USB interrupt has been enable. The device must be setted to suspend state by software in 7ms (Set GOSUSP bit in
USBCON register). To reduce power consumption maximumly, the software may close high frequency clock by following the
steps below.
When code option OP_OSC = 1010 or 1101:
(1) Set GOSUSP bit in USBCON register
(2) Clear FS bit in CLKCON register (32.768kHz oscillator is selected as OSCSCLK)
(3) Clear PLLFS bit in PLLCON register
(4) Clear PLLON bit in PLLCON register (Close PLL)
(5) Clear OSC2ON bit in CLKCON register (Close OSC2)
(6) Set EUSB bit in IEN1 register. Set EA bit in IEN0 register. Set PUPIE, RESMIE, PBRSTIE bits in USBIE1 register
(7) Make CPU entering Idle mode to reduce power consumption
When code option OP_OSC = 0000:
(1) Set GOSUSP bit in USBCON register
(2) Clear FS bit in CLKCON register (Internal 12MHz RC oscillator is selected as OSCSCLK)
(3) Clear PLLFS bit in PLLCON register
(4) Clear PLLON bit in PLLCON register (Close PLL)
(5) Clear OSC2ON bit in CLKCON register (Close OSC2)
(6) Set EUSB bit in IEN1 register. Set EA bit in IEN0 register. Set PUPIE, RESMIE, PBRSTIE bits in USBIE1 register
(7) Make CPU entering Power-down mode to reduce power consumption
When the USB controller detected the following three USB states below in suspend state, the interrupt will be generated, if the
related interrupt has been enable.
(1) Detected Resume Command
(2) Detected BUS RESET Command
(3) Detected Plug/Unplug
If CPU is in Power-down/Idle mode, theCPU will be waked, and entering the related interrupt. The software may open high
frequency clock refer to 7.5 System Clock and Oscillator section in sequence. And then clear GOSUSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com