Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 115 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 115 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 111Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 112Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 113Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 114Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 115Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 116Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 117Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 118Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 119Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 152 page
background image
SH79F6488/SH79F6489
115
Table 8.34 USB Interrupt Vector Register 1
E8H (Bank1)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
USBIF1
PUPIF
OVERIF
OW
SETUPIF
SOFIF
RESMIF
SUSPIF
USBRSTIF
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bus Reset Value
(USB RESET)
U
U
U
U
U
U
U
U
USB Software Reset
Value
U
0
0
0
U
0
0
0
Bit No.
Bit Mnemonic
Description
7
PUPIF
Plug/Unplug Interrupt Flag bit
0: No Plug/Unplug interrupt generating, cleared by software
1: Set by hardware to indicate the USB device plugged or unplugged in the host
6
OVERIF
Setup Transaction Overwrite Interrupt Flag bit
0: No setup transaction overwrite interrupt flag generating, cleared by software.
Befor this bit cleared by software, cleared SETUPIF bit first
1: Set by hardware to indicate setup transaction is received when output buffer
of EP0 is not empty and data is written into the output buffer of EP0 and
input/output data package is received again
5
OW
Setup Transaction Overwrite State Flag bit
0: No setup transaction overwrite generating
1: Set by hardware to indicate setup transaction is received again when output
buffer of EP0 is not empty (OEP0RDY=0, When setup transaction is received,
regardlessly error or returned an ACK lastly) and data is written into the output
buffer of EP0
USB software reset or cleared by software. OVERIF may clear this bit.
4
SETUPIF
Setup Transaction Interrupt Flag bit
0: No setup transaction received
1: Setup transaction is received, returns an ACK, and asserts setup transaction
interrupt
When data is read out from the output buffer of EP0, this bit will be cleared
3
SOFIF
Start-Of-Frame(SOF) Transaction Interrupt Flag bit
0: No SOF transaction received, cleared by software
1: SOF transaction received, and asserts SOF transaction interrupt
2
RESMIF
Resume Command Interrupt Flag bit
0: No resume command received, cleared by software
1: Resume command received, and asserts resume command interrupt
1
SUSPIF
Suspend Command Interrupt Flag bit
0: No suspend command received, cleared by software
1: Suspend command received, and asserts suspend command interrupt
When suspend command is received, the device must be setted to suspend
state by software in 7ms (Set GOSUSP bit in USBCON register), if the device
obtain current from USB bus not more than suspend current (Refer to USB
SPEC for details).
0
USBRSTIF
Bus Reset Command Interrupt Flag bit
0: No bus reset command received, cleared by software
1: Bus reset command received, and asserts bus reset command interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com