Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 118 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 118 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 114Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 115Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 116Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 117Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 118Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 119Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 120Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 121Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 122Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 152 page
background image
SH79F6488/SH79F6489
118
Table 8.37 USB Interrupt Enable Register 2
9BH (Bank1)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
USBIE2
-
OEP2IE
OEP1IE
OEP0IE
-
IEP2IE
IEP1IE
IEP0IE
R/W
-
R/W
R/W
R/W
-
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
0
0
0
-
0
0
0
Bus Reset Value
(USB RESET)
-
U
U
U
-
U
U
U
USB Software Reset
Value
-
0
0
0
-
0
0
0
Bit No.
Bit Mnemonic
Description
6
OEP2IE
Endpoint 2 OUT Interrupt Enable bit
0: Disable Endpoint 2 OUT transaction interrupt
1: Enable Endpoint 2 OUT transaction interrupt
5
OEP1IE
Endpoint 1 OUT Interrupt Enable bit
0: Disable Endpoint 1 OUT transaction interrupt
1: Enable Endpoint 1 OUT transaction interrupt
4
OEP0IE
Endpoint 0 OUT Interrupt Enable bit
0: Disable Endpoint 0 OUT transaction interrupt
1: Enable Endpoint 0 OUT transaction interrupt
2
IEP2IE
Endpoint 2 IN Interrupt Enable bit
0: Disable Endpoint 2 IN transaction interrupt
1: Enable Endpoint 2 IN transaction interrupt
1
IEP1IE
Endpoint 1 IN Interrupt Enable bit
0: Disable Endpoint 1 IN transaction interrupt
1: Enable Endpoint 1 IN transaction interrupt
0
IEP0IE
Endpoint 0 IN Interrupt Enable bit
0: Disable Endpoint 0 IN transaction interrupt
1: Enable Endpoint 0 IN transaction interrupt
Table 8.38 USB Device Address Register
9CH (Bank1)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
USBADDR
-
USBADDR6 USBADDR5 USBADDR4 USBADDR3 USBADDR2 USBADDR1 USBADDR0
R/W
-
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
0
0
0
0
0
0
0
Bus Reset Value
(USB RESET)
-
0
0
0
0
0
0
0
USB Software Reset
Value
-
0
0
0
0
0
0
0
Bit No.
Bit Mnemonic
Description
7-0
USBADDR
USB communication device address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com