Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 121 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 121 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 117Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 118Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 119Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 120Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 121Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 122Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 123Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 124Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 125Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 152 page
background image
SH79F6488/SH79F6489
121
Table 8.41 Endpoint 2 Control Register
D8H (Bank1)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
EP2CON
IEP2DTG
OEP2DTG
-
-
IEP2STL
IEP2RDY
OEP2STL OEP2RDY
R/W
R/W
R/W
-
-
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
-
-
0
0
0
0
Bus Reset Value
(USB RESET)
0
0
-
-
0
U
0
U
USB Software Reset
Value
0
0
-
-
0
0
0
0
Bit No.
Bit Mnemonic
Description
7
IEP2DTG
Endpoint 2 IN Data Toggle bit
0: Reading out ‘0’ indicates that the next data toggle bit is Data1, writing in ‘0’
indicates that the next data toggle bit will be setted as Data1
1: Reading out ‘1’ indicates that the next data toggle bit is Data0, writing in ‘1’
indicates that the next data toggle bit will be setted as Data0
6
OEP2DTG
Endpoint 2 OUT Data Toggle bit
0: Reading out ‘0’ indicates that the next data toggle bit is Data1, writing in ‘0’
indicates that the next data toggle bit will be setted as Data1
1: Reading out ‘1’ indicates that the next data toggle bit is Data0, writing in ‘1’
indicates that the next data toggle bit will be setted as Data0
3
IEP2STL
Endpoint 2 IN STALL Enable bit
0: Disable Endpoint 2 IN STALL
1: Enable Endpoint 2 IN STALL, When the host sends IN transaction to Endpoint
2, returns a STALL
2
IEP2RDY
Endpoint 2 IN State bit
0: Endpoint 2 IN is not ready, When the host sends IN transaction to Endpoint 2,
returns a NAK
1: Endpoint 2 IN is ready
When the host sends IN transaction to Endpoint 2, if this bit is ‘1’, the USB
transceiver sends data in Endpoint 2 buffer, and after receiving an ACK from the
host, this bit is cleared, generate Endpoint 2 IN interrupt.
Writing the data(need to be sent to the host) into Endpoint 2 buffer again by
software, and setting this bit indicates the next IN transaction can be received.
Software write 0 has no effect.
1
OEP2STL
Endpoint 2 OUT STALL Enable bit
0: Disable Endpoint 2 OUT STALL
1: Enable Endpoint 2 OUT STALL, When the host sends OUT transaction to
Endpoint 2, returns a STALL
0
OEP2RDY
Endpoint 2 OUT State bit
0: Endpoint 2 OUT is not ready, When the host sends OUT transaction to
Endpoint 2, returns a NAK
1: Endpoint 2 OUT is ready
When the host sends OUT transaction to Endpoint 2, if this bit is ‘1’, the USB
transceiver writes data into Endpoint 2 buffer, and after returning an ACK to the
host, this bit is cleared, generate Endpoint 2 OUT interrupt.
After reading out the data in Endpoint 2 buffer by software, setting this bit
indicates the next OUT transaction can be received. Software write 0 has no
effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com