Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 48 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 44Page - STMicroelectronics VL6180 Datasheet HTML 45Page - STMicroelectronics VL6180 Datasheet HTML 46Page - STMicroelectronics VL6180 Datasheet HTML 47Page - STMicroelectronics VL6180 Datasheet HTML 48Page - STMicroelectronics VL6180 Datasheet HTML 49Page - STMicroelectronics VL6180 Datasheet HTML 50Page - STMicroelectronics VL6180 Datasheet HTML 51Page - STMicroelectronics VL6180 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 73 page
background image
Device registers
VL6180
48/73
DocID024986 Rev 14
6.2.12
SYSTEM__INTERRUPT_CONFIG_GPIO
Address:
0x014
Type:
R/W
Reset:
0x0
Description:
6.2.13
SYSTEM__INTERRUPT_CLEAR
Address:
0x015
Type:
R/W
Reset:
0x0
Description:
6.2.14
SYSTEM__FRESH_OUT_OF_RESET
Address:
0x016
Type:
R/W
7
654
321
0
RESERVED
RESERVED
range_int_mode
RR/W
R/W
[2:0]
range_int_mode: Interrupt mode source for Range readings:
0: Disabled
1: Level Low (value < thresh_low)
2: Level High (value > thresh_high)
3: Out Of Window (value < thresh_low OR value > thresh_high)
4: New sample ready
7
654
321
0
RESERVED
int_clear_sig
RR/W
[2:0]
int_clear_sig: Interrupt clear bits Writing a 1 to each bit will clear the intended interrupt note that
the int is only cleared upon the write command itself.
Bit [0] - Clear Range Int
Bit [1] - Reserved
Bit [2] - Clear Error Int.
7
654
321
0
RR/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com