Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 21 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 17Page - STMicroelectronics VL6180 Datasheet HTML 18Page - STMicroelectronics VL6180 Datasheet HTML 19Page - STMicroelectronics VL6180 Datasheet HTML 20Page - STMicroelectronics VL6180 Datasheet HTML 21Page - STMicroelectronics VL6180 Datasheet HTML 22Page - STMicroelectronics VL6180 Datasheet HTML 23Page - STMicroelectronics VL6180 Datasheet HTML 24Page - STMicroelectronics VL6180 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
DocID024986 Rev 14
21/73
VL6180
Functional description
69
2.8
Range checks
Error codes 6, 8 & 11 in Table 8 are configurable by the user (SNR, error 11, has not yet
been integrated into the API).
2.8.1
Early convergence estimate (ECE)
Note:
Early convergence estimate (ECE) is not used, by default, in extended ranging mode.
Early convergence estimate (ECE) is a programmable feature designed to minimize power
consumption when there is no target in the field-of-view (FOV).
The system is said to have ‘converged’ (i.e. range acquired), when the convergence
threshold(d) is reached before the max. convergence time limit (see Figure 14). This ratio
specifies the minimum return signal rate required for convergence. If there is no target in the
FOV, the system will continue to operate until the max. convergence time limit is reached
before switching off thereby consuming power. With ECE enabled, the system estimates the
return signal rate 0.5 ms after the start of every measurement. If it is below the ECE
threshold, the measurement is aborted and an ECE error is flagged.
9-10
Not used
-
11
Signal to Noise Ratio
Ambient conditions too high. Measurement not
valid
12/14
Range underflow
Range value < 0
If the target is very close (0-10mm) and the offset
is not correctly calibrated it could lead to a small
negative value
13/15
Range overflow
Range value out of range. This occurs when the
target is detected by the device but is placed at a
high distance resulting in internal variable
overflow.
Proximity ranging, target > 200mm (scaling = 1)
Extended ranging, target > 550mm (scaling = 3)
16
Ranging_Filtered
Distance filtered by Wrap Around Filter (WAF).
Occurs when a high reflectance target is
detected between 600mm to 1.2m
17
Not used
-
18
Data_Not_Ready
Error returned by
VL6180x_RangeGetMeasurementIfReady()
when ranging data is not ready
Table 8. Range error codes (continued)
Bits [7:4]
Error code
Description
d. For proximity ranging, the convergence threshold is set to 10240. The convergence threshold register is not
accessible by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com