Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 22 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 18Page - STMicroelectronics VL6180 Datasheet HTML 19Page - STMicroelectronics VL6180 Datasheet HTML 20Page - STMicroelectronics VL6180 Datasheet HTML 21Page - STMicroelectronics VL6180 Datasheet HTML 22Page - STMicroelectronics VL6180 Datasheet HTML 23Page - STMicroelectronics VL6180 Datasheet HTML 24Page - STMicroelectronics VL6180 Datasheet HTML 25Page - STMicroelectronics VL6180 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
Functional description
VL6180
22/73
DocID024986 Rev 14
Figure 14. ECE
ECE is enabled by setting VL6180x_RangeSetEceState() and configured with
VL6180x_RangeSetEceFactor(). This allows the user to change the ECE threshold from
the default of 15% below minimum convergence rate. As shown by the example below.
If the max convergence time is set to 30 ms (using
VL6180x_RangeSetMaxConvergenceTime()), then the ECE threshold is 196. That is, if
the return count is less than 196 after 0.5 ms, the measurement will be aborted.
Note:
The optimum value for the ECE threshold should be determined in the final application.
2.8.2
Range ignore
In a system with cover glass, the return signal from the glass (cross-talk) may be sufficient
to cause the system to converge and return a valid range measurement even when there is
no target present. The range ignore feature is designed to ensure that the system does not
range on the glass. (Cross-talk is described in more detail in Section 2.15.2).
The ignore threshold is enabled with VL6180x_RangeIgnoreSetEnable(). If enabled, the
ignore threshold and valid height must be specified, this is set with
VL6180x_RangeIgnoreConfigure().
A range ignore error will be flagged if the return signal rate is less than the ignore threshold.
Note:
The optimum value for the ignore threshold and valid height should be determined in the
final application.
2.8.3
Signal-to-noise ratio (SNR)
SNR function not yet implemented in API.
In high ambient conditions range accuracy can be impaired so the SNR threshold is used as
a safety limit to invalidate range measurements where the ambient/signal ratio is considered
too high.The default ambient/signal ratio limit is 10 (i.e. an SNR of 0.1) which is then
encoded in 4.4 format as follows:
SYSRANGE__MAX_AMBIENT_LEVEL_MULT{0x2C}
= 10 x 16 = 160
ECE threshold
85% 0.5 10240
Max convergence time (in ms)
--------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com