Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 24 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 20Page - STMicroelectronics VL6180 Datasheet HTML 21Page - STMicroelectronics VL6180 Datasheet HTML 22Page - STMicroelectronics VL6180 Datasheet HTML 23Page - STMicroelectronics VL6180 Datasheet HTML 24Page - STMicroelectronics VL6180 Datasheet HTML 25Page - STMicroelectronics VL6180 Datasheet HTML 26Page - STMicroelectronics VL6180 Datasheet HTML 27Page - STMicroelectronics VL6180 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
Functional description
VL6180
24/73
DocID024986 Rev 14
Note:
Only one data stream can be buffered at one time. There is no associated time stamp
information.
The clear buffer command is not immediate; it takes effect on the next range start
command.
The history buffer works independently of interrupt control i.e. the history buffer records all
new samples; its operation is unchanged in threshold and window modes.
2.11
Wrap Around Filter
Wrap-around is an effect linked to the ratio between the VCSEL pulse period and the photon
return pulse.
Figure 15. Wrap around
High reflective targets (like mirrors) placed at a far distance (>600mm) from the VL6180 can
still produce enough return signal for the VL6180 to declare a valid target and meet the
wrap-around condition resulting in a wrong (under-estimated) returned distance.
The WAF implemented in the API is able to automatically detect if a target is in the wrap-
around condition and filter it by returning an invalid distance (Range.errorStatus = 16). The
WAF is enabled/disabled via VL6180x_FilterSetState() and read with
VL6180x_FilterGetState().
2.12
Scaling
The default scaling factor is 3, which allows for maximum ranging capabilities. The scaling
factor can be decreased to x2 or x1 for short range applications.
Table 9. History buffer
History buffer
Range
(High byte)
(Low byte)
0
Range [15] (newest)
Range [14]
1
Range [13]
Range [12]
2
Range [11]
Range [10]
3
Range [9]
Range [8]
4
Range [7]
Range [6]
5
Range [5]
Range [4]
6
Range [3]
Range [2
7
Range [1]
Range [0] (oldest)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com