Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 33 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 29Page - STMicroelectronics VL6180 Datasheet HTML 30Page - STMicroelectronics VL6180 Datasheet HTML 31Page - STMicroelectronics VL6180 Datasheet HTML 32Page - STMicroelectronics VL6180 Datasheet HTML 33Page - STMicroelectronics VL6180 Datasheet HTML 34Page - STMicroelectronics VL6180 Datasheet HTML 35Page - STMicroelectronics VL6180 Datasheet HTML 36Page - STMicroelectronics VL6180 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
DocID024986 Rev 14
33/73
VL6180
Ranging specification
69
The light source used was a large, adjustable halogen ‘theatre’ lamp. The lamp was
mounted behind the device under test, pointing directly at the test chart, therefore the
ambient rate measured by VL6180 is from the light reflected off the test chart.
Table 16.shows upper and lower measurement limits based on characterization of both
typical and limit samples for a 17% target at 400 mm according to the conditions laid out in
Table 15. Testing was performed at 2.8 V and over the optimum operating temperature
range (-10°C to + 60°C).
The data shown in Table 17 is worst case maximum range data for reference only and
shows the light levels that can be achieved using a low cross-talk system as defined in
Section 3.2.1.
Table 15. Worst case max range vs. ambient >100mm
Target
reflectance (%)
Distance (mm)
Ambient Rate(1) (Mcps)
1. Ambient light level set at 23°C
Minimum Detection Rate(2)
(%)
2. Over the optimum operating temperature range (-10°C to + 60°C)
5
200
3.7
97.5
88
200
37
97.5
17
400
2.1
94.7
Table 16. Range limits for a 400 mm target @ ambient rate 2.1Mcps
Lower limit (mm)
Upper limit (mm)
330
470
Table 17. Worst case achievable light levels
Target reflectance
(%)
Distance (mm)
Equivalent Light
level on top of
glass (lux)
Notes
5
200
5,200
Sunlight
17
400
950
Halogen light source
88
200
3,700
Sunlight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com