Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 18 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 14Page - STMicroelectronics VL6180 Datasheet HTML 15Page - STMicroelectronics VL6180 Datasheet HTML 16Page - STMicroelectronics VL6180 Datasheet HTML 17Page - STMicroelectronics VL6180 Datasheet HTML 18Page - STMicroelectronics VL6180 Datasheet HTML 19Page - STMicroelectronics VL6180 Datasheet HTML 20Page - STMicroelectronics VL6180 Datasheet HTML 21Page - STMicroelectronics VL6180 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
Functional description
VL6180
18/73
DocID024986 Rev 14
VL6180x_RangeConfigInterrupt()
The VL6180 can be configured to generate a range interrupt flag under any of the following
conditions:
New sample ready
Level low (range value < low threshold)
Level high (range value > high threshold)
Out of window (range value < low threshold) OR (range value > high threshold)
In new sample ready mode, an interrupt flag will be raised at the end of every measurement
irrespective of whether the measurement is valid or if an error has occurred. This mode is
particularly useful during development and debug.
In level interrupt mode the system will raise an interrupt flag if either a low or high
programmable threshold has been crossed.
Out of window interrupt mode activates both high and low level thresholds allowing a
window of operation to be specified.
Range interrupt modes are selected via VL6180x_RangeConfigInterrupt() with
VL6180x_RangeSetThresholds() used to set thresholds. Use
VL6180x_RangeGetInterruptStatus() to return the ranging interrupt status.
Note:
In level or window interrupt modes range errors will only trigger an interrupt if the logical
conditions described above are met.
Continuous mode limits
To take account of oscillator tolerances and internal processing overheads it is necessary to
place the following constraints on continuous mode operations. The following equations
define the minimum inter-measurement period to ensure correct operation:
Continuous range:
VL6180x_RangeSetMaxConvergenceTime() + 5
 
VL6180x_RangeSetInterMeasPeriod() * 0.9
Table 6. gives an example how to apply these limits in continuous mode operating at a
sampling rate of 10 Hz.
2.5.3
Asynchronous mode - single shot measurement
Host requests a single shot measurement and can either check regularly to see if result is
ready or wait for an interrupt then call RangeGetMeasurementIfReady().
Table 6. Continuous mode limits (10 Hz operation)
Parameter
Period (ms)
VL6180x_RangeSetMaxConvergenceTime()
30
Total RANGE EXECUTION TIME
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com