Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 4Page - STMicroelectronics VL6180 Datasheet HTML 5Page - STMicroelectronics VL6180 Datasheet HTML 6Page - STMicroelectronics VL6180 Datasheet HTML 7Page - STMicroelectronics VL6180 Datasheet HTML 8Page - STMicroelectronics VL6180 Datasheet HTML 9Page - STMicroelectronics VL6180 Datasheet HTML 10Page - STMicroelectronics VL6180 Datasheet HTML 11Page - STMicroelectronics VL6180 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
Overview
VL6180
8/73
DocID024986 Rev 14
1
Overview
This datasheet is applicable to the final VL6180 ROM code revision.
1.1
Technical specification
1.2
System block diagram
Figure 1. VL6180 block diagram
Table 1. Technical specification
Feature
Detail
Package
Optical LGA12
Size
4.8 x 2.8 x 1.0 mm
Ranging
0 to 62(1) cm maximum
1. Maximum distance dependent on target reflectance and external conditions (ambient light level,
temperature, voltage).
Functional operating voltage
2.6 to 3.0 V
Typical power consumption
Hardware standby (GPIO0 = 0): < 1 uA(2)
Software standby: < 1uA(2)
Ranging: 1.7 mA (typical average)(3)
2. GPIO0, GPIO1, SCL and SDA are pulled up to AVDD (2.8V)
3. Assumes 10 Hz sampling rate, 17% reflective target at 50 mm
Functional operating temperature
-20 to 70°C
IR emitter
850 nm
I2C
400 kHz serial bus
Address: 0x29 (7-bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com