Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 29 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 25Page - STMicroelectronics VL6180 Datasheet HTML 26Page - STMicroelectronics VL6180 Datasheet HTML 27Page - STMicroelectronics VL6180 Datasheet HTML 28Page - STMicroelectronics VL6180 Datasheet HTML 29Page - STMicroelectronics VL6180 Datasheet HTML 30Page - STMicroelectronics VL6180 Datasheet HTML 31Page - STMicroelectronics VL6180 Datasheet HTML 32Page - STMicroelectronics VL6180 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
DocID024986 Rev 14
29/73
VL6180
Functional description
69
2.15.3
Offset calibration procedure
Complete steps 1-4 to see if part-to-part offset calibration is required.
1.
Read scaling factor VL6180x_UpscaleGetScaling(), turn off WAF
VL6180x_FilterSetState() = 0, turn off range ignore features
VL6180x_RangeIgnoreSetEnable() = 0 and clear all interrupts
VL6180x_ClearAllInterrupt().
2.
Position a white target (88% reflectance(g)) at a distance of 50mm (scaling factor 1) or
100 mm (scaling factor 2/3) from the top of the cover glass.
3.
Perform a minimum of 10 range measurements and compute the average range using
VL6180x_RangePollMeasurement().
4.
If the average range is within target distance
 3 mm, offset calibration is not required.
Otherwise, complete the calibration procedure.
5.
Set VL6180x_SetOffsetCalibrationData() = 0.
6.
Perform a minimum of 10 range measurements and compute the average range from
VL6180x_RangePollMeasurement().
7.
Calculate the part-to-part offset as follows:
8.
The new offset value should be stored on system and written to the VL6180 by using
VL6180x_SetOffsetCalibrationData() each time the device is reset.
2.15.4
Cross-talk calibration procedure
This section describes a procedure for calibrating system cross-talk.
1.
Perform offset calibration if required (see Section 2.15.3) and write the value to the
device by using VL6180x_SetOffsetCalibrationData().
Note:
If the offset is incorrectly calibrated, cross-talk calibration will be inaccurate.
2.
Read scaling factor VL6180x_UpscaleGetScaling(), turn off WAF
VL6180x_FilterSetState() = 0 turn off range ignore features
VL6180x_RangeIgnoreSetEnable() = 0 and clear all interrupts
VL6180x_ClearAllInterrupt().
3.
Position a grey target (17% reflectance(h)) at a distance of 100mm (scaling factor 1) or
300mm (scaling factor 2) or 400mm (scaling factor 3) from the top of the cover glass.
4.
Write 0 to VL6180x_SetXTalkCompensationRate().
5.
Perform a minimum of 10 range measurements and compute the average return rate
and range value from VL6180x_RangePollMeasurement().
6.
Calculate the cross-talk factor as follows:
7.
The cross-talk value should be stored on system and written to the VL6180 by using
VL6180x_SetXTalkCompensationRate() each time the device is reset.
g. Target reflectance should be high but absolute value is not critical.
part-to-part offset
target distance(mm) average range(mm)
=
h. Target reflectance should be low but absolute value is not critical.
cross-talk (in Mcps)
average return rate
1
average range(mm)
target distance(mm)
-----------------------------------------------------


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com