Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 36 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 32Page - STMicroelectronics VL6180 Datasheet HTML 33Page - STMicroelectronics VL6180 Datasheet HTML 34Page - STMicroelectronics VL6180 Datasheet HTML 35Page - STMicroelectronics VL6180 Datasheet HTML 36Page - STMicroelectronics VL6180 Datasheet HTML 37Page - STMicroelectronics VL6180 Datasheet HTML 38Page - STMicroelectronics VL6180 Datasheet HTML 39Page - STMicroelectronics VL6180 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
I2C control interface
VL6180
36/73
DocID024986 Rev 14
4.1
I2C interface - timing characteristics
Timing characteristics are shown in Table 18. Please refer to Figure 28 for an explanation of
the parameters used.
Figure 28. I2C timing characteristics
Note:
All timing characteristics are measured with respect to VIL_MAX or VIH_MIN.
Table 18. I2C interface - timing characteristics
Symbol
Parameter
Minimum
Typical
Maximum
Unit
FI2C
Operating frequency
0
-
400(1)
1. The maximum bus speed may also be limited by the combination of load capacitance and pull-up resistor.
Please refer to the I2C specification for further information.
kHz
tLOW
Clock pulse width low
0.5
-
-
s
tHIGH
Clock pulse width high
0.26
-
-
s
tSP
Pulse width of spikes which are
suppressed by the input filter
-
-
50
ns
tBUF
Bus free time between transmissions
0.5
-
-
s
tHD.STA
Start hold time
0.26
-
-
s
tSU.STA
Start set-up time
0.26
-
-
s
tHD.DAT
Data in hold time
0
-
-
s
tSU.DAT
Data in set-up time
50
-
-
ns
tR
SCL/SDA rise time
-
-
120
ns
tF
SCL/SDA fall time
-
-
120
ns
tSU.STO
Stop set-up time
0.26
-
-
s
Ci/o
Input/output capacitance (SDA)
-
-
4
pF
Cin
Input capacitance (SCL)
-
-
4
pF
CL
Load capacitance
-
125
-
pF
SDA
SCL
tHD.STA
tR
tHIGH
tF
tSU.DAT
tHD.DAT
tSU.STA
tSU.STO
...
...
tHD.STA
tLOW
tBUF
stop
start
stop
start
VIH
VIL
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com