Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 39 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 35Page - STMicroelectronics VL6180 Datasheet HTML 36Page - STMicroelectronics VL6180 Datasheet HTML 37Page - STMicroelectronics VL6180 Datasheet HTML 38Page - STMicroelectronics VL6180 Datasheet HTML 39Page - STMicroelectronics VL6180 Datasheet HTML 40Page - STMicroelectronics VL6180 Datasheet HTML 41Page - STMicroelectronics VL6180 Datasheet HTML 42Page - STMicroelectronics VL6180 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
DocID024986 Rev 14
39/73
VL6180
Device registers
69
6
Device registers
This section describes in detail all user accessible device registers. Registers are grouped
by function as shown in Table 22. to make them easier to read but also to simplify multi-byte
read/write I2C accesses (burst mode). More details in Section 4. Reset values are given for
each register which denotes the register value in software standby.
Note that registers can be 8-,16- or 32-bit. Multi-byte registers are always addressed in
ascending order with MSB first as shown in Table 23.
6.1
Register encoding formats
Some registers are encoded to allow rational numbers to be expressed efficiently. Table 24
gives an explanation of 9.7 and 4.4 encoding formats. Table 25 gives a summary of the
device registers.
Table 22. Register groups
Register group
Address range
IDENTIFICATION
0x000 - 0x00F
SYSTEM SETUP
0x010 - 0x017
RANGE SETUP
0x018 - 0x037
RESULTS
0x04D - 0x080
Table 23. 32-bit register example
Register address
Byte
Address
MSB
Address + 1
..
Address + 2
..
Address + 3
LSB
Table 24. Register formats
Format
Description
9.7
9 integer bits + 7 fractional bits (stored over 2 bytes)
For example, the value 4.2 is multiplied by 128, rounded and stored as
537 decimal. To decode, divide 537 by 128 = 4.19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com