Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 49 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 45Page - STMicroelectronics VL6180 Datasheet HTML 46Page - STMicroelectronics VL6180 Datasheet HTML 47Page - STMicroelectronics VL6180 Datasheet HTML 48Page - STMicroelectronics VL6180 Datasheet HTML 49Page - STMicroelectronics VL6180 Datasheet HTML 50Page - STMicroelectronics VL6180 Datasheet HTML 51Page - STMicroelectronics VL6180 Datasheet HTML 52Page - STMicroelectronics VL6180 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
DocID024986 Rev 14
49/73
VL6180
Device registers
69
Reset:
0x1
Description:
6.2.15
SYSTEM__GROUPED_PARAMETER_HOLD
Address:
0x017
Type:
R/W
Reset:
0x0
Description:
6.2.16
SYSRANGE__START
Address:
0x018
Type:
R/W
Reset:
0x0
[0]
fresh_out_of_reset: Fresh out of reset bit, default of 1, user can set this to 0 after initial boot and
can therefore use this to check for a reset condition
7
654
321
0
RR/W
[0]
grouped_parameter_hold: Flag set over I2C to indicate that data is being updated
0: Data is stable - FW is safe to copy
1: Data being updated - FW not safe to copy
Usage: set to 0x01 first, write any of the registers listed below, then set to 0x00 so that the
settings are used by the firmware at the start of the next measurement.
SYSTEM__INTERRUPT_CONFIG_GPIO
SYSRANGE__THRESH_HIGH
SYSRANGE__THRESH_LOW
7
654
321
0
RR/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com