Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 5Page - STMicroelectronics VL6180 Datasheet HTML 6Page - STMicroelectronics VL6180 Datasheet HTML 7Page - STMicroelectronics VL6180 Datasheet HTML 8Page - STMicroelectronics VL6180 Datasheet HTML 9Page - STMicroelectronics VL6180 Datasheet HTML 10Page - STMicroelectronics VL6180 Datasheet HTML 11Page - STMicroelectronics VL6180 Datasheet HTML 12Page - STMicroelectronics VL6180 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
DocID024986 Rev 14
9/73
VL6180
Overview
69
1.3
Device pinout
Figure 2 shows the pinout of the VL6180.
Figure 2. VL6180 pinout
Table 2. VL6180 pin numbers and signal descriptions
Pin number
Signal name
Signal type
Signal description
1
GPIO1
Digital I/O
Interrupt output. Open-drain. If used,
it should be pulled high with 47 k

resistor, otherwise left unconnected.
2
NC
No connect
3
NC
No connect
4
GPIO0/CE
Digital I/O
Power-up default is chip enable
(CE). It should be pulled high with a
47 k
resistor.
5
SCL
Digital input
I2C serial clock
6
SDA
Digital I/O
I2C serial data
7
NC
No connect
8
AVDD_VCSEL
Supply
VCSEL power supply. 2.6 to 3.0 V
9
AVSS_VCSEL
Ground
VCSEL ground
10
AVDD
Supply
Digital/analog power supply. 2.6 to
3.0 V
11
NC
No connect
12
GND
Ground
Digital/analog ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com