Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 30 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 26Page - STMicroelectronics VL6180 Datasheet HTML 27Page - STMicroelectronics VL6180 Datasheet HTML 28Page - STMicroelectronics VL6180 Datasheet HTML 29Page - STMicroelectronics VL6180 Datasheet HTML 30Page - STMicroelectronics VL6180 Datasheet HTML 31Page - STMicroelectronics VL6180 Datasheet HTML 32Page - STMicroelectronics VL6180 Datasheet HTML 33Page - STMicroelectronics VL6180 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
Functional description
VL6180
30/73
DocID024986 Rev 14
Note:
Cross-talk compensation is only applied to targets above 20 mm. This is to ensure that
cross-talk correction is not applied to near targets where the signal rate is decreasing. The
API sets the cross-talk valid height dependent on scaling factor.
The default is 20mm for scaling 1, 10mm (20/2) for scaling 2 and 7mm (~20/3) for scaling 3.
2.15.5
Cross-talk limit
For proximity ranging (scaling 1), a practical limit for cross-talk is < 3.0 Mcps. This is based
on two factors:
1.
The return rate for a 3% reflective target at 100 mm without glass is typically around 1.5
Mcps. If glass is added with a cross-talk of 3.0 Mcps, the resultant return rate will be 4.5
Mcps. This results in a cross-talk correction factor of x3 so for a 100 mm target the raw
range will be in the region of 30 mm. To ensure the cross-talk valid height restriction is
not breached, the minimum raw range allowing for noise margin is around 30 mm.
2.
A cross-talk correction factor of x3 also means that any range noise will be multiplied
by 3 so noise also becomes a limiting factor.
For extended ranging (scaling 3), a practical limit for cross-talk is < 0.2 Mcps.
2.15.6
Cross-talk vs air gap
Figure 20 shows the typical cross-talk vs air gap using low cross-talk glass. Above 1.5 mm,
the cross-talk rises rapidly.
Figure 20. Cross-talk vs air gap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com