Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 61 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 57Page - STMicroelectronics VL6180 Datasheet HTML 58Page - STMicroelectronics VL6180 Datasheet HTML 59Page - STMicroelectronics VL6180 Datasheet HTML 60Page - STMicroelectronics VL6180 Datasheet HTML 61Page - STMicroelectronics VL6180 Datasheet HTML 62Page - STMicroelectronics VL6180 Datasheet HTML 63Page - STMicroelectronics VL6180 Datasheet HTML 64Page - STMicroelectronics VL6180 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
DocID024986 Rev 14
61/73
VL6180
Device registers
69
6.2.39
RESULT__RANGE_REFERENCE_SIGNAL_COUNT
Address:
0x070
Type:
R
Reset:
0x0
Description:
6.2.40
RESULT__RANGE_RETURN_AMB_COUNT
Address:
0x074
Type:
R
Reset:
0x0
Description:
6.2.41
RESULT__RANGE_REFERENCE_AMB_COUNT
Address:
0x078
Type:
R
Reset:
0x0
Description:
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
result__range_reference_signal_count
R
[31:0]
result__range_reference_signal_count: sensor count output value attributed to signal
correlated to IR emitter on the Reference array.
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
result__range_return_amb_count
R
[31:0]
result__range_return_amb_count: sensor count output value attributed to uncorrelated ambient
signal on the Return array. Must be multiplied by 6 if used to calculate the ambient to signal
threshold.
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
result__range_reference_amb_count
R
[31:0]
result__range_reference_amb_count: sensor count output value attributed to uncorrelated
ambient signal on the Reference array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com