Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 31 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 27Page - STMicroelectronics VL6180 Datasheet HTML 28Page - STMicroelectronics VL6180 Datasheet HTML 29Page - STMicroelectronics VL6180 Datasheet HTML 30Page - STMicroelectronics VL6180 Datasheet HTML 31Page - STMicroelectronics VL6180 Datasheet HTML 32Page - STMicroelectronics VL6180 Datasheet HTML 33Page - STMicroelectronics VL6180 Datasheet HTML 34Page - STMicroelectronics VL6180 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
DocID024986 Rev 14
31/73
VL6180
Ranging specification
69
3
Ranging specification
3.1
Proximity ranging (0 to 100mm)
The following table specifies ranging performance up to 100mm. These results are derived
from characterization of both typical and corner samples (representative of worst case
process conditions).
Unless specified otherwise, all results were performed at room temperature (23°C), nominal
voltage (2.8V) and in the dark. Results are based on the average of 100 measurements for
a 17% reflective target @ 50mm.
3.1.1
Max range vs. ambient light level
The data shown in this section is worst case data for reference only.
Table 14 shows the worst case maximum range achievable under different ambient light
conditions.
Table 13. Ranging specification 0 to 100mm
Parameter
Min.
Typ.
Max.
Unit
Noise(1)
1. Maximum standard deviation of 100 measurements
-
-
2.0
mm
Range offset error(2)
2. Maximum offset drift after 3 reflow cycles. This error can be removed by re-calibration in the final system
--
13
mm
Temperature dependent drift (3)
3. Tested over optimum operating temperature range (see Table 20.: Normal operating conditions)
-9
15
mm
Voltage dependent drift (4)
4. Tested over optimum operating voltage range (see Table 20.: Normal operating conditions)
-3
5
mm
Convergence time (5)
5. Based on a 3% reflective target @ 100 mm
--
15
ms
Table 14. Worst case max range vs. ambient 0 to 100mm(1)(2)
1. Tested in an integrating sphere (repeatable lab test, not representative of real world ambient light) at 1
kLux and 5 kLux (halogen light source) using 80 x 80 mm targets. Due to high IR content, 5 kLux halogen
light approximates to 10 kLux to 15 kLux natural sunlight.
2. SNR limit of 0.1 applied. Note: maximum range could be increased by reducing the SNR limit to 0.06
Target
reflectance
In the dark(3)
3. Also applicable to lighting conditions with low IR content e.g typical office fluorescent lighting
Worst case indoor light
(1 kLux diffuse halogen)
High ambient light
(5 kLux diffuse halogen)
Unit
3%
> 100
> 80
> 40
mm
5%
> 100
> 90
> 45
mm
17%
> 100
> 100
> 60
mm
88%
> 100
> 100
> 70
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com