Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 23 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 19Page - STMicroelectronics VL6180 Datasheet HTML 20Page - STMicroelectronics VL6180 Datasheet HTML 21Page - STMicroelectronics VL6180 Datasheet HTML 22Page - STMicroelectronics VL6180 Datasheet HTML 23Page - STMicroelectronics VL6180 Datasheet HTML 24Page - STMicroelectronics VL6180 Datasheet HTML 25Page - STMicroelectronics VL6180 Datasheet HTML 26Page - STMicroelectronics VL6180 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
DocID024986 Rev 14
23/73
VL6180
Functional description
69
To enable the SNR check, set bit 4 in SYSRANGE__RANGE_CHECK_ENABLES (0x02D). A
lower setting results in a more aggressive filter which will result in a lower effective range but
greater accuracy. A higher setting results in a less aggressive filter which will result in a
greater effective range but lower accuracy.
The SNR value can be calculated as follows:
Note:
The SNR value is the inverse of the ambient/signal ratio limit {0x2C}.
Note:
The optimum value for SNR threshold should be determined in the final application.
2.9
Manual/autoVHV calibration
Manual/auto VHV not yet implemented in API.
SPAD(e) sensitivity is temperature dependent so VHV(f) calibration is used to regulate SPAD
sensitivity over temperature in order to minimize signal rate variation. VHV calibration is
performed either manually by the host processor or automatically by internal firmware.
Execution time is typically 200
s so has no impact on normal operation.
A VHV calibration is run once at power-up and then automatically after every N range
measurements defined by the SYSRANGE__VHV_REPEAT_RATE{0x31}register. AutoVHV
calibration is disabled by setting this register to 0. Default is 255. If autoVHV is disabled it is
recommended to run a manual VHV calibration periodically to recalibrate for any significant
temperature variation. A manual VHV calibration is performed by setting
SYSRANGE__VHV_RECALBRATE{0x2E}
to 1. This register auto-clears. This operation
should only be performed in software standby.
2.10
History buffer
History buffer not yet implemented in API.
The history buffer is a 8 x 16-bit memory which can be used to store the last 16 range
measurements (8-bit). Use of the history buffer is controlled via register
SYSTEM__HISTORY_CTRL{0x12}
. There are 3 basic functions:
enable
range selection
clear buffer
The buffer is read via eight 16-bit registers (RESULT__HISTORY_BUFFER_0{0x52} to
RESULT__HISTORY_BUFFER_7{0x60})
. The buffer holds the last 16 x 8-bit range results
as shown in Table 9.
SNR
RESULT__RANGE_RETURN_SIGNAL_COUNT{0x6C}
RESULT__RANGE_RETURN_AMB_COUNT{0x74} * 6
--------------------------------------------------------------------------------
-
=
e. Photon detectors - Single Photon Avalanche Diodes
f.
VHV is an adjustable SPAD bias voltage and stands for Very High Voltage (typically around 14 V). Also
sometimes referred to as CP (Charge Pump).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com