Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 32 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 28Page - STMicroelectronics VL6180 Datasheet HTML 29Page - STMicroelectronics VL6180 Datasheet HTML 30Page - STMicroelectronics VL6180 Datasheet HTML 31Page - STMicroelectronics VL6180 Datasheet HTML 32Page - STMicroelectronics VL6180 Datasheet HTML 33Page - STMicroelectronics VL6180 Datasheet HTML 34Page - STMicroelectronics VL6180 Datasheet HTML 35Page - STMicroelectronics VL6180 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
Ranging specification
VL6180
32/73
DocID024986 Rev 14
Figure 21. Typical ranging performance
3.2
Extended range (>100mm)
3.2.1
Extended range conditions
Ranging beyond 100 mm requires a low cross-talk system, use of a gasket, small air gap
(below 1 mm) and cover glass with IR filter (transmission >80% @ 850nm and <15% @
450-700nm). Tuning of the following parameters are required:
SNR limit
Convergence threshold
Max convergence time
Factory calibrated ambient window calibration settings applied by the host
3.2.2
Max range vs. ambient light level
Table 15 shows the worst case maximum range achievable under different ambient light
conditions. No cover glass was used in these tests. The device was tuned as per
recommendations in Section 3.2.1. The minimum detection rate is the worst case
percentage of measurements that will return a valid measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com