Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 43 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 39Page - STMicroelectronics VL6180 Datasheet HTML 40Page - STMicroelectronics VL6180 Datasheet HTML 41Page - STMicroelectronics VL6180 Datasheet HTML 42Page - STMicroelectronics VL6180 Datasheet HTML 43Page - STMicroelectronics VL6180 Datasheet HTML 44Page - STMicroelectronics VL6180 Datasheet HTML 45Page - STMicroelectronics VL6180 Datasheet HTML 46Page - STMicroelectronics VL6180 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
DocID024986 Rev 14
43/73
VL6180
Device registers
69
6.2.4
IDENTIFICATION__MODULE_REV_MAJOR
Address:
0x003
Type:
R/W
Reset:
0xXX, register default overwritten at boot-up by NVM contents.
Description:
6.2.5
IDENTIFICATION__MODULE_REV_MINOR
Address:
0x004
Type:
R/W
Reset:
0xXX
Description:
6.2.6
IDENTIFICATION__DATE_HI
Address:
0x006
Type:
R/W
Reset:
0xYY, register default overwritten at boot-up by NVM contents.
Description:
Part of the register set that can be used to uniquely identify a module.
7
654
321
0
RESERVED
identification__module_rev_major
RR/W
[2:0]
identification__module_rev_major: Revision identifier of the Module Package for major change.
Used to store NVM content version. Contact ST for current information.
VL6180V0NR1: 001
VL6180V1NR1: 010
7
654
321
0
RESERVED
identification__module_rev_minor
RR/W
[2:0]
identification__module_rev_minor: Revision identifier of the Module Package for minor change.
Used to store NVM content version. Contact ST for current information.
VL6180V0NR1: 010
VL6180V1NR1: 000
7
654
321
0
identification__year
identification__month
R/W
R/W
[7:4]
identification__year: Last digit of manufacturing year (bits[3:0]).
[3:0]
identification__month: Manufacturing month (bits[3:0]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com