Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6180 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 1 Page - STMicroelectronics

  VL6180 Datasheet HTML 1Page - STMicroelectronics VL6180 Datasheet HTML 2Page - STMicroelectronics VL6180 Datasheet HTML 3Page - STMicroelectronics VL6180 Datasheet HTML 4Page - STMicroelectronics VL6180 Datasheet HTML 5Page - STMicroelectronics VL6180 Datasheet HTML 6Page - STMicroelectronics VL6180 Datasheet HTML 7Page - STMicroelectronics VL6180 Datasheet HTML 8Page - STMicroelectronics VL6180 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
This is information on a product in full production.
July 2021
DocID024986 Rev 14
1/73
VL6180
Proximity sensing module
Datasheet
- production data
Features
 Two-in-one smart optical module
– VCSEL light source
– Proximity sensor
 Fast, accurate distance ranging
– Measures absolute range from 0 to 62 cm
max (depending on conditions)
– Independent of object reflectance
– Ambient light rejection
– Cross-talk compensation for cover glass
 Gesture recognition
– Distance and signal level can be used by
host system to implement gesture
recognition
– Demo systems (implemented on Android
smartphone platform) available.
 Easy integration
– Single reflowable component
– No additional optics
– Single power supply
–I2C interface for device control and data
– Provided with a documented C portable
API (Application Programming Interface)
 Two programmable GPIO
– Window and thresholding functions for
ranging
Applications
 Laser Assisted Auto Focus
 Smartphones/portable touchscreen devices
 Tablet/laptop/gaming devices
 Domestic appliances/industrial devices
Description
The VL6180 is the latest product based on ST’s
patented FlightSense™ technology. This is a
ground-breaking technology allowing absolute
distance to be measured independent of target
reflectance. Instead of estimating the distance by
measuring the amount of light reflected back from
the object (which is significantly influenced by
color and surface), the VL6180 precisely
measures the time the light takes to travel to the
nearest object and reflect back to the sensor
(Time-of-Flight).
Combining an IR emitter and a range sensor in a
two-in-one ready-to-use reflowable package, the
VL6180 is easy to integrate and saves the end-
product maker long and costly optical and
mechanical design optimizations.
The module is designed for low power operation.
Ranging measurements can be automatically
performed at user defined intervals. Multiple
threshold and interrupt schemes are supported to
minimize host operations.
Host control and result reading is performed using
an I2C interface. Optional additional functions,
such as measurement ready and threshold
interrupts, are provided by two programmable
GPIO pins.
A complete API is also associated with the device
which consists of a set of C functions controlling
the VL6180 to enable fast development of end-
user applications. This API is structured in a way
that it can be compiled on any kind of platform
through a well isolated platform layer (mainly for
low level I2C access).
www.st.com


Similar Part No. - VL6180

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
VL6180X-SATEL STMICROELECTRONICS-VL6180X-SATEL Datasheet
168Kb / 5P
Satellite boards based on VL6180X proximity, gesture and ambient light sensor
June 2015 Rev 2
VL6180XV0NR STMICROELECTRONICS-VL6180XV0NR Datasheet
1Mb / 79P
Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
VL6180XV0NR1 STMICROELECTRONICS-VL6180XV0NR1 Datasheet
1Mb / 79P
Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
More results

Similar Description - VL6180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRD18-7DN ETC2-PRD18-7DN Datasheet
188Kb / 5P
Long sensing distance proximity sensor
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
Coto Technology
FR2 COTO-FR2 Datasheet
665Kb / 4P
Proximity sensing, Smoke alarms
logo
Texas Instruments
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
logo
Melexis Microelectronic...
MLX75031 MELEXIS-MLX75031 Datasheet
1Mb / 67P
Optical Gesture & Proximity Sensing IC
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
Converter for Proximity Sensing
Rev. 0
logo
ams AG
TSL27721 AMSCO-TSL27721 Datasheet
848Kb / 56P
Light-to-Digital Converter with Proximity Sensing
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
Proximity Sensing
logo
OSRAM GmbH
SFH2200FAA01 OSRAM-SFH2200FAA01 Datasheet
993Kb / 17P
Remote Control, Proximity, Ambient Light Sensing
logo
SparkFun Electronics
KIT-18448 SPARKFUN-KIT-18448 Datasheet
142Kb / 2P
SparkFun Proximity Sensing Kit
9??0??1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com